Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7800F Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN7800F
Description  3-pin Positive Output Voltage Regulator 1A Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7800F Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN7800F Datasheet HTML 1Page - Panasonic Semiconductor AN7800F Datasheet HTML 2Page - Panasonic Semiconductor AN7800F Datasheet HTML 3Page - Panasonic Semiconductor AN7800F Datasheet HTML 4Page - Panasonic Semiconductor AN7800F Datasheet HTML 5Page - Panasonic Semiconductor AN7800F Datasheet HTML 6Page - Panasonic Semiconductor AN7800F Datasheet HTML 7Page - Panasonic Semiconductor AN7800F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VO
15.6
V
15
Tj=25˚C
VO
V
VI=18 to 30V, IO=5mA to 1A,
Tj=0 to 125˚C, PD *
REGIN
300
mV
11
VI=17.5 to 30V, Tj=25˚C
mV
REGL
mV
12
IO=5mA to 1.5A, Tj=25˚C
mV
IO=250 to 750mA, Tj=25˚C
VI=20 to 26V, Tj=25˚C
mA
4
Tj=25˚C
3
Ibias
mA
VI=17.5 to 30V, Tj=25˚C
mA
90
IO=5mA to 1A, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1
0.5
150
15.75
300
150
8
54
14.4
14.25
RR
VI=18.5 to 28.5V, f=120Hz
V
2
IO=1A, Tj=25˚C
19
ZO
mA
700
f=1kHz
A
2
VI=30V, Tj=25˚C
4
Tj=25˚C
–1
IO=5mA, Tj=0 to 125˚C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current change
Load bias current change
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Output impedance
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
m
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=23V, IO=500mA, CI=0.33
µF and C
O=0.1
µF.
* AN7800 Series:15W, AN7800F Series:10.25W
s Electrical Characteristics (Ta=25˚C)
· AN7815/7815F (15V Type)
=
<
VO
18.7
V
18
Tj=25˚C
VO
V
VI=21 to 33V, IO=5mA to 1A,
Tj=0 to 125˚C, PD *
REGIN
360
mV
14
VI=21 to 33V, Tj=25˚C
mV
REGL
mV
12
IO=5mA to 1.5A, Tj=25˚C
mV
IO=250 to 750mA, Tj=25˚C
VI=24 to 30V, Tj=25˚C
mA
4.1
Tj=25˚C
4
Ibias
mA
VI=21 to 33V, Tj=25˚C
mA
110
IO=5mA to 1A, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1
0.5
180
18.9
360
180
8
53
17.3
17.1
RR
VI=22 to 32V, IO=100mA, f=120Hz
V
2
IO=1A, Tj=25˚C
16
ZO
mA
700
f=1kHz
A
2
VI=35V, Tj=25˚C
4
Tj=25˚C
–1.1
IO=5mA, Tj=0 to 125˚C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current change
Load bias current change
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Output impedance
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
m
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=27V, IO=500mA, CI=0.33
µF and C
O=0.1
µF.
* AN7800 Series:15W, AN7800F Series:10.25W
· AN7818/7818F (18V Type)
=
<


Similar Part No. - AN7800F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
More results

Similar Description - AN7800F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN7805NSP PANASONIC-AN7805NSP Datasheet
187Kb / 13P
   3-pin positive output voltage regulator (1 A type)
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com