Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML63193-XXXWA Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML63193-XXXWA
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63193-XXXWA Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML63193-XXXWA Datasheet HTML 3Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 4Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 5Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 6Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 7Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 8Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 9Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 10Page - OKI electronic componets ML63193-XXXWA Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
FEDL63193-04
1Semiconductor
ML63193
7/37
PAD CONFIGURATION
Pad Layout
Chip size
: 5.72 mm
× 5.72 mm
Chip thickness
: 350
µm (280 µm: available as required)
Coordinate origin
: center of chip
Pad hole size
: 100
µm × 100 µm
Pad size
: 110
µm × 110 µm
Minimum pad pitch : 140
µm
Note: The chip substrate voltage is V
SS.
SEG40
SEG41
SEG42
SEG43
SEG44
SEG45
SEG46
SEG47
SEG48
SEG49
SEG50
SEG51
SEG52
SEG53
SEG54
SEG55
SEG56
SEG57
SEG58
SEG59
SEG60
SEG61
SEG62
SEG63
COM9
COM10
COM11
COM12
COM13
COM14
COM15
COM16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
PB.3
PA.0
PA.1
PA.2
PA.3
P9.0
P9.1
P9.2
P9.3
P0.0
P0.1
P0.2
P0.3
VSS
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
PB.2 98
PB.1 97
PB.0 96
ML63193
Y
X
(0,0)


Similar Part No. - ML63193-XXXWA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXGA OKI-ML63187B-XXXGA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXWA OKI-ML63187B-XXXWA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63189B OKI-ML63189B Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results

Similar Description - ML63193-XXXWA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com