Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML63189B Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML63189B
Description  4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63189B Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML63189B Datasheet HTML 7Page - OKI electronic componets ML63189B Datasheet HTML 8Page - OKI electronic componets ML63189B Datasheet HTML 9Page - OKI electronic componets ML63189B Datasheet HTML 10Page - OKI electronic componets ML63189B Datasheet HTML 11Page - OKI electronic componets ML63189B Datasheet HTML 12Page - OKI electronic componets ML63189B Datasheet HTML 13Page - OKI electronic componets ML63189B Datasheet HTML 14Page - OKI electronic componets ML63189B Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
FEDL63187B-06
1Semiconductor
ML63187B/63189B
11/36
PAD CONFIGURATION (ML63189B)
Pad Layout
Chip size
: 4.81 mm
× 5.20 mm
Chip thickness
: 350
µm (280 µm: available as required)
Coordinate origin
: center of chip
Pad hole size
: 100
µm × 100 µm
Pad size
: 110
µm × 110 µm
Minimum pad pitch
: 140
µm
Note: The chip substrate voltage is V
SS.
31
SEG32
SEG1 123
32
SEG33
SEG0 122
33
SEG34
COM8 121
34
SEG35
COM7 120
35
SEG36
COM6 119
36
SEG37
COM5 118
37
SEG38
COM4 117
38
SEG39
COM3 116
39
SEG40
COM2 115
40
SEG41
COM1 114
41
SEG42
P0.3 113
42
SEG43
P0.2 112
43
SEG44
P0.1 111
44
SEG45
P0.0 110
45
SEG46
P9.3 109
46
SEG47
P9.2 108
47
SEG48
P9.1 107
48
SEG49
P9.0 106
49
SEG50
PA.3 105
50
SEG51
PA.2 104
51
SEG52
PA.1 103
52
SEG53
PA.0 102
53
SEG54
PB.3 101
54
SEG55
PB.2 100
55
SEG56
PB.1
99
56
SEG57
PB.0
98
57
SEG58
PE.3
97
58
SEG59
PE.2
96
59
SEG60
PE.1
95
60
SEG61
PE.0
94
61
SEG62
62
SEG63
V
DDI
93
ML63189B
Y
X
(0,0)


Similar Part No. - ML63189B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63189B OKI-ML63189B Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results

Similar Description - ML63189B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com