Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML63189B-XXXGA Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML63189B-XXXGA
Description  4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63189B-XXXGA Datasheet(HTML) 2 Page - OKI electronic componets

  ML63189B-XXXGA Datasheet HTML 1Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 2Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 3Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 4Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 5Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 6Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 7Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 8Page - OKI electronic componets ML63189B-XXXGA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
FEDL63187B-06
1Semiconductor
ML63187B/63189B
2/36
• I/O ports
Input ports:
Selectable as input with pull-up resistor/input with pull-down resistor/high-impedance
input
Input-output ports: Selectable as input with pull-up resistor/input with pull-down resistor/high-impedance
input
Selectable as P-channel open drain output/N-channel open drain output/CMOS
output/high-impedance output
Can be interfaced with external peripherals that use a different power supply than this device uses. V
DD is the
power supply pin for ports.
Number of ports:
ML63187B
Input-output port
: 2 ports
× 4 bits
ML63189B
Input port
: 1 port
× 4 bits
Input-output port
: 4 ports
× 4 bits
• Melody output
Melody frequency
: 529 to 2979 Hz
Tone length
: 63 types
Tempo
: 15 types
Melody data
: Resides in the program memory
Buzzer driver signal output
: 4 kHz
• LCD driver
Number of segments
: 1024 Max. (64 SEG
× 16 COM)
Duty
: 1/1 to 1/16 duty
Bias
: Selectable as 1/4 or 1/5 bias
regulator circuit built-in
Frame frequency
: 64 Hz (at 1/16 duty) , 128 Hz (at 1/8 duty ) , 256 Hz (at 1/4 duty) ,
512Hz (at 1/2 duty) , 1024 Hz (at 1/1 duty )
Contrast
: A maximum of 16 levels adjustable
Display modes
: Selectable s all-ON mode/all-OFF mode/power down mode/normal
display mode adjustable contrast.
• System reset function
System reset by RESET pin (Built-in 2 kHz RESET sampling circuit can be selected by mask option)
System reset by power-on detection (When not using 2 kHz RESET sampling circuit)
System reset by detection that low-speed clock has stopped oscillation
• Battery check
Low-voltage supply check
The value of the judgment voltage is selected by the software by setting the LD1 and LD0 bits of BLDCON.
LD1
LD0
Judgment Voltage (V)
Remarks
0
0
1.05
± 0.10
Ta = 25
°C
0
1
1.20
± 0.10
Ta = 25
°C
1
0
1.80
± 0.10
Ta = 25
°C
1
1
2.40
± 0.10
Ta = 25
°C
• Power supply backup
Backup circuit (voltage multiplier) enables operation at 0.9 V minimum


Similar Part No. - ML63189B-XXXGA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63189B OKI-ML63189B Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results

Similar Description - ML63189B-XXXGA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com