Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML63611A Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML63611A
Description  4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63611A Datasheet(HTML) 4 Page - OKI electronic componets

  ML63611A Datasheet HTML 1Page - OKI electronic componets ML63611A Datasheet HTML 2Page - OKI electronic componets ML63611A Datasheet HTML 3Page - OKI electronic componets ML63611A Datasheet HTML 4Page - OKI electronic componets ML63611A Datasheet HTML 5Page - OKI electronic componets ML63611A Datasheet HTML 6Page - OKI electronic componets ML63611A Datasheet HTML 7Page - OKI electronic componets ML63611A Datasheet HTML 8Page - OKI electronic componets ML63611A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
FEDL63611A-01
OKI Semiconductor
ML63611A
4/49
n. Timers, counters
8-bit timer:
4 channels
Selectable as auto-reload mode, capture mode, clock frequency measurement
mode
Watchdog timer:
1 channel
100 Hz timer:
1 channel
1/100 sec. measurement possible
15-bit TBC:
1 channel
1 Hz, 2 Hz, 4 Hz, 8 Hz, 16 Hz, 32 Hz, 64 Hz, 128 Hz signals can be read
o. Serial port
Mode: UART mode, synchronous mode
Communication speed in UART mode:
1200 bps, 2400 bps, 4800 bps, 9600 bps
Clock frequency in synchronous mode:
32.768 kHz (internal clock mode); external clock
frequency
Data length: 5 to 8 bits
p. Interrupt factors
External interrupt (4 sources)
: Selectable as rising edge/falling edge/both rising and falling
edges
Internal interrupt (14 sources) : Watchdog timer interrupt
× 1
Melody end interrupt
× 1
ADC interrupt
× 1
Timer interrupt
× 4
Serial port reception interrupt
× 1
Serial port transmission interrupt
× 1
1/100 timer (10 Hz) interrupt
× 1
Time base interrupt
× 4 (2, 4, 16, and 32 Hz)
q. Operating temperature
–20 to +70
°C
r. Power supply voltage
OPTION A, OPTION B (1.5 V versions): 1.3 to 1.7 V
Note: The operation will only be at the battery voltage and no voltage halver circuit can be used.
OPTION C, OPTION D (3.0 V versions): 1.8 to 3.6 V
Note: It is possible to select by software to use the output of the halver circuit as the power supply
of the voltage regulator circuit when the battery voltage is in the range 2.4 to 3.6 V, and to
use the battery voltage itself as the power supply of the voltage regulator circuit when the
battery voltage is in the range 1.8 to 2.4 V.
It is possible to detect whether the battery voltage is 2.4 V or 1.8 V using the BLD function.
• When the halver circuit is ON:
2.4 to 3.6 V
• When the halver circuit is OFF: 1.8 to 2.4 V


Similar Part No. - ML63611A

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML63 MINILOGIC-ML63 Datasheet
182Kb / 5P
   DC-DC Converter
logo
Coilcraft lnc.
ML630PTA102MLZ COILCRAFT-ML630PTA102MLZ Datasheet
263Kb / 4P
   High Reliability Power Inductors
ML630PTA122MLZ COILCRAFT-ML630PTA122MLZ Datasheet
263Kb / 4P
   High Reliability Power Inductors
ML630PTA202MLZ COILCRAFT-ML630PTA202MLZ Datasheet
263Kb / 4P
   High Reliability Power Inductors
ML630PTA301MLZ COILCRAFT-ML630PTA301MLZ Datasheet
263Kb / 4P
   High Reliability Power Inductors
More results

Similar Description - ML63611A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64164C OKI-MSM64164C Datasheet
299Kb / 41P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162A OKI-MSM64162A Datasheet
208Kb / 40P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
ML64P168 OKI-ML64P168 Datasheet
304Kb / 51P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
   Built-in 8-Bit A/D Converter 4-Bit Microcontroller
MSM64167E OKI-MSM64167E Datasheet
268Kb / 31P
   4-Bit Microcontroller with Built-in Dual-Slope Type A/D Converter and LCD Driver
MSM64169 OKI-MSM64169 Datasheet
163Kb / 25P
   Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com