Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML674000 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML674000
Description  32-bit General-purpose, ARM-based Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML674000 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML674000 Datasheet HTML 2Page - OKI electronic componets ML674000 Datasheet HTML 3Page - OKI electronic componets ML674000 Datasheet HTML 4Page - OKI electronic componets ML674000 Datasheet HTML 5Page - OKI electronic componets ML674000 Datasheet HTML 6Page - OKI electronic componets ML674000 Datasheet HTML 7Page - OKI electronic componets ML674000 Datasheet HTML 8Page - OKI electronic componets ML674000 Datasheet HTML 9Page - OKI electronic componets ML674000 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
FEDL674000-02
OKI Semiconductor
ML674000
6/24
LIST OF PINS
Pin Number
Primary Function
Secondary Function
TQFP
LFBGA
Pin Name
I/O
Function
Pin Name
I/O
Function
1
B1
PIOB[14]
I/O General-purpose port (with interrupt function)
XDQM[1]/
XCAS_N[1]
O
I/O mask/CAS (MSB)
2
C1
PIOB[15]
I/O General-purpose port (with interrupt function)
XDQM[0]/
XCAS_N[0]
O
I/O mask/CAS (LSB)
3
D3
DBGRQ
I
Debugging input signal
4
C2
DBGACK
O
Debugging output signal
5
D1
TDI
I
JTAG data input
6
E3
TDO
O
JTAG data output
7
D2
nTRST
I
JTAG reset
8
E1
TMS
I
JTAG mode select
9
E4
TCK
I
JTAG clock
10
E2
TBE
I
Test input signal
11
F1
PIOA[0]
I/O General-purpose port (with interrupt function)
SIN
I
UART Serial Data In
12
F2
PIOA[1]
I/O General-purpose port (with interrupt function)
SOUT
O
UART Serial Data Out
13
F4
PIOA[2]
I/O General-purpose port (with interrupt function)
CTS
I
UART Clear To Send
14
F3
PIOA[3]
I/O General-purpose port (with interrupt function)
DSR
I
UART Set Ready
15
G2
PIOA[4]
I/O General-purpose port (with interrupt function)
DCD
I
UART Carrier Detect
16
G4
PIOA[5]
I/O General-purpose port (with interrupt function)
DTR
O
UART Data Terminal Ready
17
G3
PIOA[6]
I/O General-purpose port (with interrupt function)
RTS
O
UART Request To Send
18
G1
PIOA[7]
I/O General-purpose port (with interrupt function)
RI
I
UART Ring Indicator
19
H3
GND_CORE GND Core ground
20
H4
VDD_CORE VDD Core power supply
21
J2
AVDD
VDD Analog-to-digital converter power supply
22
H1
VREF
I
Analog-to-digital converter reference voltage
23
J4
AIN[0]
I
Analog-to-digital converter analog input
24
K2
AIN[1]
I
Analog-to-digital converter analog input
25
J1
AIN[2]
I
Analog-to-digital converter analog input
26
J3
AIN[3]
I
Analog-to-digital converter analog input
27
K3
AIN[4]
I
Analog-to-digital converter analog input
28
K1
AIN[5]
I
Analog-to-digital converter analog input
29
L2
AIN[6]
I
Analog-to-digital converter analog input
30
K4
AIN[7]
I
Analog-to-digital converter analog input
31
L1
AGND
GND GND for A/D converter
32
M1
MODE[0]
I
Mode setting
33
N1
MODE[1]
I
Mode setting
34
N2
MODE[2]
I
Mode setting
35
L3
PIOA[8]
I/O General-purpose port (with interrupt function)
STXD
O
SIO transmit data output
36
N3
PIOA[9]
I/O General-purpose port (with interrupt function)
SRXD
I
SIO receive data input
37
L4
EXINT0
I
Interrupt input
38
M3
EXINT1
I
Interrupt input
39
N4
EXINT2
I
Interrupt input


Similar Part No. - ML674000

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
More results

Similar Description - ML674000

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Microchip Technology
SAMD21G MICROCHIP-SAMD21G Datasheet
3Mb / 59P
   32-bit ARM-Based Microcontrollers
2017
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
logo
Winbond
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
   16/32-bit ARM microcontroller
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
   16/32-bit ARM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com