Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML674001 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML674001
Description  32-bit ARM-Based General-Purpose Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML674001 Datasheet(HTML) 2 Page - OKI electronic componets

  ML674001 Datasheet HTML 1Page - OKI electronic componets ML674001 Datasheet HTML 2Page - OKI electronic componets ML674001 Datasheet HTML 3Page - OKI electronic componets ML674001 Datasheet HTML 4Page - OKI electronic componets ML674001 Datasheet HTML 5Page - OKI electronic componets ML674001 Datasheet HTML 6Page - OKI electronic componets ML674001 Datasheet HTML 7Page - OKI electronic componets ML674001 Datasheet HTML 8Page - OKI electronic componets ML674001 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
FEDL674001-01
OKI Semiconductor
ML674001/67Q4002/67Q4003
2/24
•External memory controller
ROM (FLASH): 16 Mbytes
SRAM: 16 Mbytes
DRAM: 64 Mbytes (SDRAM and EDO-DRAM support)
External IO devices: 16 Mbytes x 2 banks, 4 Chip select pins
Wait control input signal for each bank
Independent programmable wait settings for each bank
•Interrupt controller
28 sources: 23 internals and 5 externals (IRQ: 4, FIQ: 1)
•DMA controller
2 channels: Dual address mode, cycle steal and burst tranfer mode
•Timer
1 channel: 16-bit auto reload for operating system
6 channels: 16-bit auto reload for application
1 channel: 16 bit watchdog timer
•Serial interface
1 channel: UART
1 channel: UART with 16-byte FIFO
1 channel: synchronous
1 channel: I2C (single master)
•Parallel I/O Port
4 ports x 8 bits (bitwise input/output settings)
1 port x 10 bit (bitwise input/output settings)
•PWM
2 channels x 16 bits
•Analog-to-Digital Converter
4 channels x 10 bits
•Power down mechanism
Standby (all clock stop) and Halt (clock stop by each function block)
Clock gear (selectable 1/1, 1/2, 1/4, 1/8, 1/16 input clock frequency)
•JTAG interface
Connectable to JTAG ICE
•Power supply voltage
Core section: 2.25 V to 2.75 V
IO section: 3.0 V to 3.6 V
Analog section: 3.0 V to 3.6 V
•Operating frequency
1-33 MHz
•Operating temperature (ambient temperature)
–40
°C to +85°C
•Package
144-pin plastic LQFP (LQFP144-P-2020-0.50)
144-pin plastic LFBGA (P-LFBGA144-1111-0.80)


Similar Part No. - ML674001

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
More results

Similar Description - ML674001

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Microchip Technology
SAMD21G MICROCHIP-SAMD21G Datasheet
3Mb / 59P
   32-bit ARM-Based Microcontrollers
2017
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
logo
Winbond
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
   16/32-bit ARM microcontroller
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
   16/32-bit ARM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com