Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27T3202L-XXXMA Datasheet(PDF) 1 Page - OKI electronic componets

Part # MR27T3202L-XXXMA
Description  2M-Word x 16-Bit or 4M-Word x 8-bit P2ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27T3202L-XXXMA Datasheet(HTML) 1 Page - OKI electronic componets

  MR27T3202L-XXXMA Datasheet HTML 1Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 2Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 3Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 4Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 5Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 6Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 7Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 8Page - OKI electronic componets MR27T3202L-XXXMA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OKI Semiconductor
FEDR27T3202L-02-02
Issue Date: Jul. 11, 2005
MR27T3202L
2M–Word x 16–Bit or 4M–Word x 8–Bit
P2ROM
1/10
FEATURES
2,097,152-word
?
16-bit / 4,194,304-word 8-bit electrically
switchable configuration
Access time
?
2.7 V to 3.6 V power supply 90 ns MAX
3.0 V to 3.6 V power supply 80 ns MAX
Operating current 20 mA MAX(5MHz)
?
Standby current
10
MAX
?
Input/Output TTL compatible
?
Three-state output
?
PACKAGES
MR27T3202L-xxxMA
?
44-pin plastic SOP (SOP44-P-600-1.27-K)
MR27T3202L-xxxTN
?
48-pin plastic TSOP (TSOP I 48-P-1220-0.50-1K)
P2ROM ADVANCED TECHNOLOGY
P2ROM stands for Production Programmed ROM. This
exclusive Oki technology utilizes factory test equipment for
programming the customers code into the P2ROM prior to
final production testing. Advancements in this technology
allows production costs to be equivalent to MASKROM and
has many advantages and added benefits over the other
non-volatile technologies, which include the following;
· Short lead time, since the P2ROM is programmed at the
final stage of the production process, a large P2ROM
inventory "bank system" of un-programmed packaged
products are maintained to provide an aggressive lead-time
and minimize liability as a custom product.
· No mask charge, since P2ROMs do not utilize a custom
mask for storing customer code, no mask charges apply.
· No additional programming charge, unlike Flash and
OTP that require additional programming and handling
costs, the P2ROM already has the code loaded at the
factory with minimal effect on the production throughput.
The cost is included in the unit price.
· Custom Marking is available at no additional charge.
· Pin Compatible with Mask ROM and some FLASH
products.
PIN CONFIGURATION (TOP VIEW)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
NC
NC
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48TSOP(Type-I)
A16
BYTE#
VSS
D15/A–1
D7
D14
D6
D13
D5
D12
D4
VCC
D11
D3
D10
D2
D9
D1
D8
D0
OE#
VSS
CE#
A0
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE#
VSS
OE#
D0
D8
D1
D9
D2
D10
D3
D11
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE#
VSS
D15/A–1
D7
D14
D6
D13
D5
D12
D4
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44SOP


Similar Part No. - MR27T3202L-XXXMA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T3202L OKI-MR27T3202L Datasheet
206Kb / 8P
   64M-Word x 16-Bit or 128M-Word x 8-Bit
logo
List of Unclassifed Man...
MR27T3202L ETC2-MR27T3202L Datasheet
332Kb / 12P
   2M.Word x 16.Bit or 4M.Word x 8.Bit P2ROM
logo
LAPIS Semiconductor Co....
MR27T3202L LAPIS-MR27T3202L Datasheet
332Kb / 12P
   P2ROM
More results

Similar Description - MR27T3202L-XXXMA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3202J OKI-MR27V3202J Datasheet
113Kb / 9P
   2M-Word x 16-Bit or 4M-Word x 8-Bit P2ROM
MR27T3202F OKI-MR27T3202F Datasheet
134Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-Bit
MR27V1652F OKI-MR27V1652F Datasheet
111Kb / 11P
   1m-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V1652L OKI-MR27V1652L Datasheet
222Kb / 8P
   1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V6452G OKI-MR27V6452G Datasheet
113Kb / 9P
   4M-Word x 16-Bit or 8M-Word 8-Bit P2ROM
MR27T1602F OKI-MR27T1602F Datasheet
120Kb / 10P
   1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V3252J OKI-MR27V3252J Datasheet
108Kb / 12P
   2M-Word x 16-Bit or 4M-Word x 8-Bit OTP
MR27V6454G OKI-MR27V6454G Datasheet
88Kb / 8P
   4M-Word x 16-Bit P2ROM
MR27V25603L OKI-MR27V25603L Datasheet
108Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
MR27T12800L OKI-MR27T12800L Datasheet
205Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com