Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR26V51253L-XXXMB Datasheet(PDF) 6 Page - OKI electronic componets

Part # MR26V51253L-XXXMB
Description  32M-Word x 16-Bit or 64M-Word x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR26V51253L-XXXMB Datasheet(HTML) 6 Page - OKI electronic componets

  MR26V51253L-XXXMB Datasheet HTML 1Page - OKI electronic componets MR26V51253L-XXXMB Datasheet HTML 2Page - OKI electronic componets MR26V51253L-XXXMB Datasheet HTML 3Page - OKI electronic componets MR26V51253L-XXXMB Datasheet HTML 4Page - OKI electronic componets MR26V51253L-XXXMB Datasheet HTML 5Page - OKI electronic componets MR26V51253L-XXXMB Datasheet HTML 6Page - OKI electronic componets MR26V51253L-XXXMB Datasheet HTML 7Page - OKI electronic componets MR26V51253L-XXXMB Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FEDR26V51253L-02-02
OKI Semiconductor
MR26V51253L / P2ROM
6/8
PACKAGE DIMENSIONS
P-SSOP70-500-0.80-K-MC
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
2.15 TYP.
5
Rev. No./Last Revised
1/Nov. 13, 2002
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity absorbed in
storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product name,
package name, pin number, package code and desired mounting conditions (reflow method, temperature and
times).
(Unit: mm)


Similar Part No. - MR26V51253L-XXXMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR26V51253L ETC2-MR26V51253L Datasheet
185Kb / 8P
   32M.Word 횞 16.Bit or 64M.Word 횞 8.Bit Page Mode P2ROM
More results

Similar Description - MR26V51253L-XXXMB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR26V51203L OKI-MR26V51203L Datasheet
90Kb / 8P
   32M-Word x 16-Bit or 64M-Word x 8-Bit
MR27T3202L OKI-MR27T3202L Datasheet
206Kb / 8P
   64M-Word x 16-Bit or 128M-Word x 8-Bit
MR27V25603L OKI-MR27V25603L Datasheet
108Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27T25603L ETC2-MR27T25603L Datasheet
168Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
OKI electronic componet...
MR27T25603L OKI-MR27T25603L Datasheet
91Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
MR26T51203L OKI-MR26T51203L Datasheet
67Kb / 4P
   32M-Word x 16-Bit or64M-Word x 8-Bit P2ROM
MR27V25653L OKI-MR27V25653L Datasheet
89Kb / 8P
   16m_word x 16-Bit or 32M-Word x 8-Bit P2ROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
logo
List of Unclassifed Man...
MR26V01G53L ETC2-MR26V01G53L Datasheet
219Kb / 8P
   64M-Word x 16-Bit or 128M-Word x 8-Bit Page Mode P2ROM
logo
OKI electronic componet...
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com