Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27T802F Datasheet(PDF) 8 Page - OKI electronic componets

Part # MR27T802F
Description  512k-Word x 16-Bit or 1M-Word x 8-Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27T802F Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MR27T802F Datasheet HTML 2Page - OKI electronic componets MR27T802F Datasheet HTML 3Page - OKI electronic componets MR27T802F Datasheet HTML 4Page - OKI electronic componets MR27T802F Datasheet HTML 5Page - OKI electronic componets MR27T802F Datasheet HTML 6Page - OKI electronic componets MR27T802F Datasheet HTML 7Page - OKI electronic componets MR27T802F Datasheet HTML 8Page - OKI electronic componets MR27T802F Datasheet HTML 9Page - OKI electronic componets MR27T802F Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FEDR27T802F-02-05
OKI Semiconductor
MR27T802F / P2ROM
8/10
TSOP(2)44-P-400-0.80-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
0.54 TYP.
5
Rev. No./Last Revised
3/Dec. 10, 1996
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity absorbed in
storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product name,
package name, pin number, package code and desired mounting conditions (reflow method, temperature and
times).
(Unit: mm)


Similar Part No. - MR27T802F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR27T802F ETC2-MR27T802F Datasheet
226Kb / 9P
   512k.Word 횞 16.Bit or 1M.Word 횞 8.Bit P2ROM
logo
LAPIS Semiconductor Co....
MR27T802F LAPIS-MR27T802F Datasheet
226Kb / 9P
   P2ROM
More results

Similar Description - MR27T802F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T1602L OKI-MR27T1602L Datasheet
92Kb / 9P
   1M-Word x 16-Bit or 2M-Word x 8-Bit
MR27V1652F OKI-MR27V1652F Datasheet
111Kb / 11P
   1m-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V1652L OKI-MR27V1652L Datasheet
222Kb / 8P
   1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27T1602F OKI-MR27T1602F Datasheet
120Kb / 10P
   1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR26V51253L OKI-MR26V51253L Datasheet
84Kb / 8P
   32M-Word x 16-Bit or 64M-Word x 8-Bit
MR27T3202F OKI-MR27T3202F Datasheet
134Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-Bit
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com