Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27T401E-XXXTA Datasheet(PDF) 9 Page - OKI electronic componets

Part # MR27T401E-XXXTA
Description  512k-Word x 8-Bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27T401E-XXXTA Datasheet(HTML) 9 Page - OKI electronic componets

  MR27T401E-XXXTA Datasheet HTML 1Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 2Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 3Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 4Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 5Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 6Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 7Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 8Page - OKI electronic componets MR27T401E-XXXTA Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
FEDR27T401E-02-01
OKI Semiconductor
MR27T401E
9/9
NOTICE
1.
The information contained herein can change without notice owing to product and/or technical improvements.
Before using the product, please make sure that the information being referred to is up-to-date.
2.
The outline of action and examples for application circuits described herein have been chosen as an
explanation for the standard action and performance of the product. When planning to use the product, please
ensure that the external conditions are reflected in the actual circuit, assembly, and program designs.
3.
When designing your product, please use our product below the specified maximum ratings and within the
specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating
temperature.
4.
Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation
resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or
unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified
maximum ratings or operation outside the specified operating range.
5.
Neither indemnity against nor license of a third party’s industrial and intellectual property right, etc. is
granted by us in connection with the use of the product and/or the information and drawings contained herein.
No responsibility is assumed by us for any infringement of a third party’s right which may result from the use
thereof.
6.
The products listed in this document are intended for use in general electronics equipment for commercial
applications (e.g., office automation, communication equipment, measurement equipment, consumer
electronics, etc.). These products are not authorized for use in any system or application that requires special
or enhanced quality and reliability characteristics nor in any system or application where the failure of such
system or application may result in the loss or damage of property, or death or injury to humans.
Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace
equipment, nuclear power control, medical equipment, and life-support systems.
7.
Certain products in this document may need government approval before they can be exported to particular
countries. The purchaser assumes the responsibility of determining the legality of export of these products
and will take appropriate and necessary steps at their own expense for these.
8.
No part of the contents contained herein may be reprinted or reproduced without our prior permission.
Copyright 2002 Oki Electric Industry Co., Ltd.


Similar Part No. - MR27T401E-XXXTA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T12800J OKI-MR27T12800J Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800J-XXXTN OKI-MR27T12800J-XXXTN Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800J-XXXTNE OKI-MR27T12800J-XXXTNE Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800J-XXXTY OKI-MR27T12800J-XXXTY Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800J-XXXTYE OKI-MR27T12800J-XXXTYE Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
More results

Similar Description - MR27T401E-XXXTA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T802F OKI-MR27T802F Datasheet
133Kb / 10P
   512k-Word x 16-Bit or 1M-Word x 8-Bit
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
OKI electronic componet...
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V6452D OKI-MR27V6452D Datasheet
83Kb / 10P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR26V51253L OKI-MR26V51253L Datasheet
84Kb / 8P
   32M-Word x 16-Bit or 64M-Word x 8-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com