Electronic Components Datasheet Search |
|
MR27T1602L-XXXTN Datasheet(PDF) 3 Page - OKI electronic componets |
|
MR27T1602L-XXXTN Datasheet(HTML) 3 Page - OKI electronic componets |
3 / 9 page FEDR27T1602L-02-01 OKI Semiconductor MR27T1602L / P2ROM 3/9 FUNCTION TABLE Mode CE# OE# BYTE# VCC D0 to D7 D8 to D14 D15/A–1 Read (16-Bit) L L H DOUT Read (8-Bit) L L L DOUT Hi–Z L/H H Output disable L H L Hi–Z ∗ H Standby H ∗ L 3.0 V Hi–Z ∗ ∗: Don’t Care (H or L) ABSOLUTE MAXIMUM RATINGS Parameter Symbol Condition Value Unit Operating temperature under bias Ta 0 to 70 °C Storage temperature Tstg — –55 to 125 °C Input voltage VI –0.5 to VCC+0.5 V Output voltage VO –0.5 to VCC+0.5 V Power supply voltage VCC relative to VSS –0.5 to 5 V Power dissipation per package PD Ta = 25°C 1.0 W Output short circuit current IOS — 10 mA RECOMMENDED OPERATING CONDITIONS (Ta = 0 to 70°C) Parameter Symbol Condition Min. Typ. Max. Unit VCC power supply voltage VCC 2.7 — 3.6 V Input “H” level VIH 2.2 — VCC+0.5∗ V Input “L” level VIL VCC = 2.7 to 3.6 V –0.5 ∗∗ — 0.6 V Voltage is relative to VSS. ∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns. ∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns. PIN CAPACITANCE (VCC = 3.0 V, Ta = 25°C, f = 1 MHz) Parameter Symbol Condition Min. Typ. Max. Unit Input CIN1 — — 8 BYTE# CIN2 VI = 0 V — — 120 Output COUT VO = 0 V — — 10 pF |
Similar Part No. - MR27T1602L-XXXTN |
|
Similar Description - MR27T1602L-XXXTN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |