Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V401E Datasheet(PDF) 1 Page - OKI electronic componets

Part # MR27V401E
Description  524,288-Word8-Bit One Time PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V401E Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V401E Datasheet HTML 1Page - OKI electronic componets MR27V401E Datasheet HTML 2Page - OKI electronic componets MR27V401E Datasheet HTML 3Page - OKI electronic componets MR27V401E Datasheet HTML 4Page - OKI electronic componets MR27V401E Datasheet HTML 5Page - OKI electronic componets MR27V401E Datasheet HTML 6Page - OKI electronic componets MR27V401E Datasheet HTML 7Page - OKI electronic componets MR27V401E Datasheet HTML 8Page - OKI electronic componets MR27V401E Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OKI Semiconductor
FEDR27V401E-01-03
Issue Date: Jan. 15, 2004
MR27V401E
524,288-Word
× 8-Bit One Time PROM
1/15
GENERAL DESCRIPTION
The MR27V401E is a 4 Mbit electrically One Time Programmable Read-Only Memory organized as
524,288-word
× 8-bit. The MR27V401E supports high speed asynchronous read operation using a single 3.3V
power supply.
FEATURES
· 524,288-word
× 8-bit
· +3.3 V power supply
· Access time
70 nS MAX
· Operating current
25 mA MAX
· Standby current
50 µA MAX
· Input/Output TTL compatible
· Three-state output
· Packages:
32-pin plastic SOP
(SOP32-P-525-1.27-K)
(MR27V401EMA)
32-pin plastic TSOP (TSOP(1)32-P-0814-0.50-1K) (MR27V401ETA)
32-pin plastic DIP
(DIP32-P-600-2.54)
(MR27V401ERA)


Similar Part No. - MR27V401E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
More results

Similar Description - MR27V401E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C401CZ OKI-MSM27C401CZ Datasheet
93Kb / 14P
   524,288-Word x 8-Bit One Time PROM
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MR27V402E OKI-MR27V402E Datasheet
167Kb / 16P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V801D OKI-MR27V801D Datasheet
50Kb / 10P
   1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com