Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9811 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM9811
Description  4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9811 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM9811 Datasheet HTML 1Page - OKI electronic componets MSM9811 Datasheet HTML 2Page - OKI electronic componets MSM9811 Datasheet HTML 3Page - OKI electronic componets MSM9811 Datasheet HTML 4Page - OKI electronic componets MSM9811 Datasheet HTML 5Page - OKI electronic componets MSM9811 Datasheet HTML 6Page - OKI electronic componets MSM9811 Datasheet HTML 7Page - OKI electronic componets MSM9811 Datasheet HTML 8Page - OKI electronic componets MSM9811 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
FEDL9811FULL-04
OKI Semiconductor
MSM9811
4/44
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
40-47, 49-64
RA23-RA0
O
Address pins for external memory. These pins become high impedance
when
RCS pin is “H“.
30, 31, 33-38
RD7-RD0
I
Data pin for external memory.
Pull-down resistors are internally
connected to these pins. These pull-down resistors become valid when
the
RCS pin is “H”, and become invalid when the RCS pin is “L”.
39
ROE
O
Output enable pin for external memory.
This pin becomes high
impedance when
RCS pin is “H”.
8
RCS
I
When this pin is “L”, RA23 to RA0 and
ROE pins output address data
and output enable signal.
When this pin is “H”, RA23 to RA0 and
ROE pins become high
impedance.
15
CMD
I
Select pin for Command data or Subcommand data for CPU interface.
When this pin is “H”, subcommand input is selected.
When this pin is “L”, command input is selected. A pull-up resistor is
internally connected to this pin.
16
RD
I
Read pin for CPU interface.
A pull-up resistor is internally connected to this pin.
18
WR
I
Write pin for CPU interface.
A pull-up resistor is internally connected to this pin.
20
CS
I
Chip select pin for CPU interface. When
CS is “H”, WR signal is not
entered in this LSI. A pull-up resistor is internally connected to this pin.
14
SERIAL
I
CPU input interface select pin.
When SERIAL is “H”, serial input
interface is selected.
When it is “L”, parallel input interface is selected.
28
D7/SD
I/O
Data bus pin for CPU interface when parallel input interface is selected.
When
WR is “L”, this pin serves as data input pin.
When
RD is “L”, this pin serves as channel status data output pin.
When serial input interface is selected, this pin serves as serial data
input pin.
27
D6/SI
I/O
Data bus pin for CPU interface when parallel input interface is selected.
When
WR is “L”, this pin serves as data input pin.
When
RD is “L”, this pin serves as channel status output pin.
When serial input interface is selected, this pin serves as serial clock
input pin.
26
D5/SO
I/O
Data bus pin for CPU interface when parallel input interface is selected.
When
WR is “L”, this pin serves as data input pin.
When
RD is “L”, this pin serves as channel status output pin.
When serial input interface is selected, this pin serves as channel status
serial output pin.


Similar Part No. - MSM9811

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810BGS-BK OKI-MSM9810BGS-BK Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810GS-BK OKI-MSM9810GS-BK Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
More results

Similar Description - MSM9811

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
MSM6295 OKI-MSM6295 Datasheet
567Kb / 16P
   4-CHANNEL MIXING ADPCM VOICE SYNTEHSIS LSI
logo
List of Unclassifed Man...
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com