Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64422 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM64422
Description  Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64422 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM64422 Datasheet HTML 1Page - OKI electronic componets MSM64422 Datasheet HTML 2Page - OKI electronic componets MSM64422 Datasheet HTML 3Page - OKI electronic componets MSM64422 Datasheet HTML 4Page - OKI electronic componets MSM64422 Datasheet HTML 5Page - OKI electronic componets MSM64422 Datasheet HTML 6Page - OKI electronic componets MSM64422 Datasheet HTML 7Page - OKI electronic componets MSM64422 Datasheet HTML 8Page - OKI electronic componets MSM64422 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
¡ Semiconductor
MSM64422/64424
¡ Semiconductor
MSM64422/64424
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
GENERAL DESCRIPTION
The MSM64422/64424 is a low power 4-bit microcontroller using OKI original CPU core nX-4/
20. Integrated into a single chip are 64/128 nibbles of EEPROM, PWM generation circuit, 8-bit
timer counter, 8-bit synchronous serial port, time base counter, low voltage detection circuit,
watchdog timer, 4-bit input port, one or two input-output port(s). For the oscillator circuit, it
is possible to choose from the crystal oscillation circuit or the 3-pin RC oscillation circuit (resistor
R and capacitor C are externally connected).
Most suitable for small-sized security systems such as the key-less entry.
FEATURES
• Operating range
CPU operating voltage
: 2.5 to 5.5V (crystal oscillation mode)
: 1.7 to 5.5V (RC oscillation mode)
EEPROM write voltage
: 2.2 to 5.5V
Operating frequencies
: fmax = 2.4 MHz (crystal oscillation mode)
:fmax = 1.2 MHz (RC oscillation mode)
Operating temperature
: Ta=–40 to +85
°C
• Memory space
<MSM64422>
ROM (program memory)
: 2048 bytes
RAM (data memory)
: 64 nibbles
EEPROM
: 64 nibbles
(Number of data rewriting cycles to EEPROM:
10,000)
(EEPROM data retaining years: 10 Years)
<MSM64424>
ROM (program memory)
: 4096 bytes
RAM (data memory)
: 128 nibbles
EEPROM
: 128 nibbles
(Number of data rewriting cycles to EEPROM:
10,000)
(EEPROM data retaining years: 10 Years)
• Functions
PWM generation circuit (each pulse width, and pulse period is set by a 4-bit counter)
8-bit timer counter (automatic reload timer)
8-bit synchronous serial port
Standby functions
Low voltage detection circuit built in.
Watchdog timer
• Interrupt sources
: internal 5 sources
: external 1 source
E2E0039-27-Y3
This version: Jan. 1998
Previous version: Mar. 1996


Similar Part No. - MSM64422

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM6442-XXGS-BK OKI-MSM6442-XXGS-BK Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM6442-XXGS-K OKI-MSM6442-XXGS-K Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
More results

Similar Description - MSM64422

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
   Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
   Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com