Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN79M00 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN79M00
Description  3-pin Negative Output Voltage Regulators 500mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79M00 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN79M00 Datasheet HTML 1Page - Panasonic Semiconductor AN79M00 Datasheet HTML 2Page - Panasonic Semiconductor AN79M00 Datasheet HTML 3Page - Panasonic Semiconductor AN79M00 Datasheet HTML 4Page - Panasonic Semiconductor AN79M00 Datasheet HTML 5Page - Panasonic Semiconductor AN79M00 Datasheet HTML 6Page - Panasonic Semiconductor AN79M00 Datasheet HTML 7Page - Panasonic Semiconductor AN79M00 Datasheet HTML 8Page - Panasonic Semiconductor AN79M00 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VO
–6.25
V
–6
VO
V
REGIN
60
mV
mV
REGL
mV
mV
mA
2
IBias
mA
mA
150
Vno
dB
0.8
0.4
40
–6.3
120
60
4
60
–5.75
–5.7
RR
V
1.1
mA
50
mA
1000
5
1.5
20
10
–0.4
Parameter
Symbol
Condition
min
typ
max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Unit
VI=–8 to –25V,
IO=3 to 350mA, PD *
VI=–8 to –25V, Tj=25˚C
IO=5 to 500mA, Tj=25˚C
IO=5 to 350mA, Tj=25˚C
VI=–9 to –19V, Tj=25˚C
Tj=25˚C
VI=–9 to –25V, Tj=25˚C
IO=5 to 350mA, Tj=25˚C
f=10Hz to 100kHz, Ta=25˚C
VI=–9 to –19V, IO=100mA,
f=120Hz, Ta=25˚C
Tj=25˚C
IO (Short)
IO (peak)
VI=–35V, Tj=25˚C
Tj=25˚C
DVO/Ta
IO=5mA, Tj=0 to 125˚C
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–11V, IO=350mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
* AN79M06 : 15W, AN79M06F : 10.25W
µV
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
mV/˚C
· AN79M06/AN79M06F (–6V Type)
<
=
VO
–5.4
V
–5.2
VO
V
REGIN
50
mV
mV
REGL
mV
mV
mA
2
IBias
mA
mA
130
Vno
dB
0.8
0.4
30
–5.46
100
50
4
60
–5.0
–4.94
RR
VI=–8 to –18V, f=120Hz,
IO=100mA
V
1.1
mA
50
mA
1000
– 0.4
Parameter
Symbol
Condition
min
typ
max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Unit
s Electrical Characteristics (Ta=25˚C)
VI=–7 to –25V,
IO=5 to 350mA, PD *
VI=–7 to –25V, Tj=25˚C
IO=5 to 500mA, Tj=25˚C
IO=5 to 350mA, Tj=25˚C
VI=–8 to –18V, Tj=25˚C
Tj=25˚C
VI=–8 to –25V, Tj=25˚C
IO=5 to 350mA, Tj=25˚C
f=10Hz to 100kHz, Ta=25˚C
Tj=25˚C
IO (Short)
IO (peak)
VI=–35V, Tj=25˚C
Tj=25˚C
∆V
O/Ta
IO=5mA, Tj=0 to 125˚C
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–10V, IO=350mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
* AN79M52 : 15W, AN79M52F : 10.25W
µV
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
mV/˚C
· AN79M52/AN79M52F (–5.2V Type)
<
=


Similar Part No. - AN79M00

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7900F PANASONIC-AN7900F Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
List of Unclassifed Man...
AN7905 ETC2-AN7905 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7905F PANASONIC-AN7905F Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN7905T PANASONIC-AN7905T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
More results

Similar Description - AN79M00

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78M00 PANASONIC-AN78M00 Datasheet
70Kb / 9P
   3-pin Positive Output Voltage Regulators 500mA Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
List of Unclassifed Man...
PJ7900 ETC-PJ7900 Datasheet
354Kb / 9P
   3-Terminal Negative Output Voltage Regulators
logo
First Components Intern...
LM7900 FCI-LM7900 Datasheet
551Kb / 7P
   3-Terminal Negative Output Voltage Regulators
logo
List of Unclassifed Man...
LM7900 ETC-LM7900 Datasheet
547Kb / 7P
   3- TERMINAL NEGATIVE OUTPUT VOLTAGE REGULATORS
logo
Panasonic Semiconductor
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com