Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM586 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM586
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM586 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM586 Datasheet HTML 3Page - OKI electronic componets MSM586 Datasheet HTML 4Page - OKI electronic componets MSM586 Datasheet HTML 5Page - OKI electronic componets MSM586 Datasheet HTML 6Page - OKI electronic componets MSM586 Datasheet HTML 7Page - OKI electronic componets MSM586 Datasheet HTML 8Page - OKI electronic componets MSM586 Datasheet HTML 9Page - OKI electronic componets MSM586 Datasheet HTML 10Page - OKI electronic componets MSM586 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
PIN DESCRIPTIONS (Continued)
Symbol
Type
Description
P9_0P9_3/
A16-A19
P9_4-P9_7
I/O
P10_0-P10_7
Port 10 is 8 input/output pins. Input or output can be specified for each bit with the
Port 10 Mode Register (P10IO). Pull-up resistors can be specified for each bit with
the Port 10 Pull-Up Register (P10PUP).
After reset (by RES signal input, BRK instruction execution, or op code trap), P10 will
be high-impedance inputs.
I/O
P12_0-P12_1
P12_2-P12_3/
INT2-INT3
P12_4-P12_7
I/O
Port 9 is 8 input/output pins. Input or output can be specified for each bit with the
Port 9 Mode Register (P9IO). Pull-up resistors can be specified for each bit with the
Port 9 Pull-Up Register (P9PUP).
P9_0-P9_3 also have a secondary function as output pins for internal operation.
Their secondary function can be set for each bit with the Port 9 Secondary Function
Control Register (P9SF). The input/output settings of P9IO will be ignored for pins
that have been set to the secondary function by P9SF.
A16-A19 (P9_0-P9_3):
These pins function as output pins for address A16-A19 when accessing program
memory or data memory that has been expanded externally. Note that program
memory address A16-A19 will be output even when accessing data memory that has
been expanded externally. When the EA pin is low and program memory that has
been expanded externally is accessed, A16-A19 will be output regardless of P9SF
settings.
After reset (by RES signal input, BRK instruction execution, or op code trap), P9 will
be high-impedance inputs.
Port 12 is 8 input/output pins. Input or output can be specified for each bit with the
Port 12 Mode Register (P12IO).
P12_2 and P12_3 also have a secondary function as input pins for internal operation.
Their secondary function can be set for each bit with the Port 12 Secondary Function
Control Register (P12SF). The input/output settings of P12IO will be ignored for pins
that have been set to the secondary function by P12SF.
INT2 (P12_2), INT3 (P12_3):
These pins input external interrupts 2 and 3.
After reset (by RES signal input, BRK instruction execution, or op code trap), P12 will
be high-impedance inputs.
AI0-AI3
These are analog input pins for the A/D converter (test pins for MSM66585).
I
VREF
This is the reference voltage pin for the A/D converter (VDD for MSM66585).
I
AGND
This is the ground input pin for the A/D converter (GND for MSM66585).
I
OSC0
This pins connect to a crystal oscillator, ceramic oscillator, or capacitors for base clock
oscillation. When the base clock is to be supplied externally, it should be input on the
OSC0 pin with the OSC1 pin left open.
I
NMI
This input pin requests a non-maskable interrupt.
I
RES
This is an active-low reset input pin.
I
EA
I
VDD
These are voltage pins. All VDD pins (9, 17, 37, 67, 93) should be connected to the
supply voltage (for MSM66585 connect pins 9, 10, 17, 37, 67, 93).
I
GND
These are ground pins. All GND pins (16, 40, 68, 94) should be connected to ground
(for MSM66585 connect pins 11, 16, 40, 68, 94).
I
When this pin is high, program addresses 0H-FFFFH will access internal program
memory and program addresses 10000H-FFFFFH will access external program memory.
To access external program memory, P1, P5, and P9 must be set with their secondary
function control registers.
When this pin is low, all program addresses will access external program memory.
OSC1
O


Similar Part No. - MSM586

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM5865SEV ETC1-MSM5865SEV Datasheet
37Kb / 1P
   MICROSPACE MSM586 PC/104 Processor Board with LAN VGA/LCD
logo
ADL Embedded Solutions
MSM586SEG ADL-MSM586SEG Datasheet
224Kb / 2P
   133MHz, 0MB SDRAM
MSM586SEL ADL-MSM586SEL Datasheet
224Kb / 2P
   133MHz, 0MB SDRAM
MSM586SEN ADL-MSM586SEN Datasheet
224Kb / 2P
   133MHz, 0MB SDRAM
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
More results

Similar Description - MSM586

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
   Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Integrated Syste...
LTC1099CSW LINEAR-LTC1099CSW Datasheet
185Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
ADL Embedded Solutions
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
   16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com