Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5954AM28 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AM5954AM28
Description  4-CHANNEL BTL MOTOR DRIVER FOR DVD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM5954AM28 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AM5954AM28 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
BCD Semiconductor Manufacturing Limited
Apr. 2005 Rev. 1. 1
Preliminary Datasheet
4-CHANNEL BTL MOTOR DRIVER FOR DVD
AM5954A
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
HSOP-28
0 to 70oC
AM5954AM28
AM5954AM28-E1
AM5954AM28
AM5954AM28-E1
Tube
Parameter
Symbol
Value
Unit
Supply Voltage
VCC, PVCC1/2
13.5
V
Power Dissipation
PD
1.7 (Note 3)
W
ESD(Human Model)
ESD
2000
V
Storage Temperature Range
TSTG
-55 to 150
oC
Note 2: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Note 3: The power dissipation is reduced by 13.6mW for each increase in temperature of 1oC over 25oC.
Absolute Maximum Ratings (Note 2)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.0
13.2
V
PVCC1
4.0
VCC
V
PVCC2
4.0
VCC
V
Operating Temperature
TA
0
70
oC
Recommended Operating Conditions
Ordering Information
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
M28: HSOP-28
E1: Lead Free
Blank: Tin Lead
AM5954A
-


Similar Part No. - AM5954AM28

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5954AM28 BCDSEMI-AM5954AM28 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954AM28-E1 BCDSEMI-AM5954AM28-E1 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954AM28TR-E1 BCDSEMI-AM5954AM28TR-E1 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Similar Description - AM5954AM28

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ5954 BCDSEMI-AZ5954 Datasheet
175Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM/DVD
logo
NXP Semiconductors
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
logo
BCD Semiconductor Manuf...
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
logo
Rohm
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
logo
Unisonic Technologies
UA8888S UTC-UA8888S Datasheet
143Kb / 8P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com