Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2781E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2781E
Description  1-Cell or 2-Cell Standalone Fuel Gauge IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2781E Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2781E Datasheet HTML 1Page - Maxim Integrated Products DS2781E Datasheet HTML 2Page - Maxim Integrated Products DS2781E Datasheet HTML 3Page - Maxim Integrated Products DS2781E Datasheet HTML 4Page - Maxim Integrated Products DS2781E Datasheet HTML 5Page - Maxim Integrated Products DS2781E Datasheet HTML 6Page - Maxim Integrated Products DS2781E Datasheet HTML 7Page - Maxim Integrated Products DS2781E Datasheet HTML 8Page - Maxim Integrated Products DS2781E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DS2781: Two-Cell Standalone Fuel Gauge IC
4 of 30
EEPROM RELIABILITY SPECIFICATION
(VPLS = 2.5V to 10V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Copy Time
tEEC
15
ms
EEPROM Copy Endurance
NEEC
TA = +50°C
50,000
cycles
Note 1: All voltages are referenced to VSS.
Note 2: Factory calibrated accuracy. Higher accuracy can be achieved by in-system calibration by the user.
Note 3: Accumulation Bias register set to 00h. Current Offset Bias register set to 00h. NBEN bit = 0.
Note 4: Parameters guaranteed by design.
Note 5: Internal voltage regulator active.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VB
Internal Supply. Bypass to VSS with a 0.1µF capacitor.
2
VSS
Device Ground. Connect directly to the negative terminal of the cell stack. Connect the
sense resistor between VSS and SNS.
3
VIN
Voltage Sense Input. The voltage of the battery pack is monitored through this input pin
with respect to the VSS pin.
4
VPLS
Power-Supply Input. Connect to the positive terminal of the battery pack through a
decoupling network.
5
DQ
Data Input/Output. 1-Wire data line. Open-drain output driver. Connect this pin to the
DATA terminal of the battery pack. This pin has a weak internal pulldown (IPD) for sensing
pack disconnection from host or charger.
6
OVD
1-Wire Bus Speed Control. Input logic level selects the speed of the 1-Wire bus. Logic 1
selects overdrive (OVD) and Logic 0 selects standard timing (STD). On a multidrop bus,
all devices must operate at the same speed.
7
SNS
Sense Resistor Connection. Connect to the negative terminal of the battery pack.
Connect the sense resistor between VSS and SNS.
8
PIO
Programmable I/O Pin. Can be configured as input or output to monitor or control user-
defined external circuitry. Output driver is open drain. This pin has an weak internal
pulldown (IPD).


Similar Part No. - DS2781E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2781E++ MAXIM-DS2781E+ Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2781E+T&R MAXIM-DS2781E+T&R Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results

Similar Description - DS2781E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
   3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Maxim Integrated Produc...
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com