Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM512100 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM512100
Description  2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM512100 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM512100 Datasheet HTML 4Page - OKI electronic componets MSM512100 Datasheet HTML 5Page - OKI electronic componets MSM512100 Datasheet HTML 6Page - OKI electronic componets MSM512100 Datasheet HTML 7Page - OKI electronic componets MSM512100 Datasheet HTML 8Page - OKI electronic componets MSM512100 Datasheet HTML 9Page - OKI electronic componets MSM512100 Datasheet HTML 10Page - OKI electronic componets MSM512100 Datasheet HTML 11Page - OKI electronic componets MSM512100 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
¡ Semiconductor
MSM512100/L
Notes:
1. A start-up delay of 200
µs is required after power-up, followed by a minimum of
eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before
proper device operation is achieved.
2. The AC characteristics assume tT = 5 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals.
Transition times (tT) are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 2 TTL loads and 100 pF.
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, then the access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified
tRAD (Max.) limit, then the access time is controlled by tAA.
7. tOFF(Max.)definesthetimeatwhichtheoutputachievestheopencircuitconditionand
is not referenced to output voltage levels.
8. tRCH or tRRH must be satisfied for a read cycle.
9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are
included in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then
the cycle is an early write cycle and the data out will remain open circuit (high
impedance) throughout the entire cycle. If tCWD ≥tCWD (Min.) , tRWD≥tRWD (Min.),
tAWD ≥tAWD (Min.) and tCPWD ≥tCPWD (Min.), then the cycle is a read modify write
cycle and data out will contain data read from the selected cell; if neither of the above
sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
10. These parameters are referenced to the CAS leading edge in an early write cycle, and
to the WE leading edge in an OE control write cycle, or a read modify write cycle.
11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle.
This mode is latched and remains in effect until the exit cycle is generated.
The test mode specified in this data sheet is a 4-bit parallel test function. RA10 and
CA0 are not used. In a read cycle, if all internal bits are equal, the data output pin
will indicate a high level. If any internal bits are not equal, the data output pin will
indicate a low level.
The test mode is cleared and the memory device returned to its normal operating
state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle.
12. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the
specified value. These parameters should be specified in test mode cycle by adding the
above value to the specified value in this data sheet.


Similar Part No. - MSM512100

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200-60SJ OKI-MSM512200-60SJ Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200-60TS-K OKI-MSM512200-60TS-K Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200-70SJ OKI-MSM512200-70SJ Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200-70TS-K OKI-MSM512200-70TS-K Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM512100

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800D OKI-MSM5117800D Datasheet
163Kb / 14P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800C OKI-MSM5116800C Datasheet
483Kb / 16P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
   2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com