Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM512200L-60SJ Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM512200L-60SJ
Description  1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM512200L-60SJ Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM512200L-60SJ Datasheet HTML 2Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 3Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 4Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 5Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 6Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 7Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 8Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 9Page - OKI electronic componets MSM512200L-60SJ Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
¡ Semiconductor
MSM512200/L
AC Characteristics (1/2)
Parameter
Random Read or Write Cycle Time
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 11, 12
MSM512200
/L-60
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from RAS
Access Time from CAS
Access Time from Column Address
Access Time from OE
Output Low Impedance Time from CAS
Transition Time
Refresh Period
Refresh Period (L-version)
RAS Precharge Time
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
CAS Precharge Time (Fast Page Mode)
CAS Pulse Width
RAS Pulse Width
CAS Hold Time
CAS to RAS Precharge Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from RAS
Column Address to RAS Lead Time
Access Time from CAS Precharge
OE to Data Output Buffer Turn-off Delay Time
RAS Hold Time referenced to OE
Note
4, 5, 6
4, 5
4, 6
4
7
3
5
6
4, 14
7
4
13
13
14
16
RAS Hold Time from CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Symbol
tRC
tRWC
tPC
tPRWC
tRAC
tCAC
tAA
tOEA
tCLZ
tOFF
tT
tREF
tREF
tRP
tRAS
tRASP
tRSH
tCP
tCAS
tCSH
tCRP
tRCD
tRAD
tASR
tRAH
tASC
tCAH
tAR
tRAL
tCPA
tOEZ
tROH
tRHCP
Min.
110
150
40
80
0
0
3
40
60
60
15
10
15
60
5
20
15
0
10
0
15
50
30
0
15
35
Max.
60
15
30
15
15
50
16
128
10,000
100,000
10,000
45
30
35
15
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ms
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
130
180
45
95
0
0
3
50
70
70
20
10
20
70
5
20
15
0
10
0
15
55
35
0
20
40
Max.
70
20
35
20
20
50
16
128
10,000
100,000
10,000
50
35
40
20
Max.
80
20
40
20
20
50
16
128
10,000
100,000
10,000
60
40
45
20
Min.
150
200
50
100
0
0
3
60
80
80
20
10
20
80
5
20
15
0
10
0
15
60
40
0
20
45
MSM512200
/L-70
MSM512200
/L-80


Similar Part No. - MSM512200L-60SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM512100 OKI-MSM512100 Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-60SJ OKI-MSM512100-60SJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-70SJ OKI-MSM512100-70SJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-80SJ OKI-MSM512100-80SJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-XXSJ OKI-MSM512100-XXSJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM512200L-60SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
   1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com