Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM512200L-70TS-K Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM512200L-70TS-K
Description  1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM512200L-70TS-K Datasheet(HTML) 4 Page - OKI electronic componets

  MSM512200L-70TS-K Datasheet HTML 1Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 2Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 3Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 4Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 5Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 6Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 7Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 8Page - OKI electronic componets MSM512200L-70TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
¡ Semiconductor
MSM512200/L
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended Operating Conditions
Capacitance
*: Ta = 25
°C
Voltage on Any Pin Relative to VSS
Short Circuit Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
Symbol
IOS
PD*
Topr
Tstg
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Rating
mA
W
°C
°C
Parameter
V
Unit
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
Symbol
VSS
VIH
VIL
5.0
0
Typ.
Parameter
4.5
0
2.4
–1.0
Min.
5.5
0
6.5
0.8
Max.
(Ta = 0°C to 70°C)
V
Unit
V
V
V
Input Capacitance (A0 - A9)
Input Capacitance
Output Capacitance (DQ1, DQ2)
CIN1
Symbol
CIN2
CI/O
6
7
7
Max.
pF
Unit
pF
pF
Parameter
(VCC = 5 V ±10%, Ta = 25°C, f = 1 MHz)
Typ.
(RAS, CAS1, CAS2, WE, OE)


Similar Part No. - MSM512200L-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM512100 OKI-MSM512100 Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-60SJ OKI-MSM512100-60SJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-70SJ OKI-MSM512100-70SJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-80SJ OKI-MSM512100-80SJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100-XXSJ OKI-MSM512100-XXSJ Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM512200L-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
   1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com