Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM512800C-45TS-K Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM512800C-45TS-K
Description  262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM512800C-45TS-K Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM512800C-45TS-K Datasheet HTML 4Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 5Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 6Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 7Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 8Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 9Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 10Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 11Page - OKI electronic componets MSM512800C-45TS-K Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
¡ Semiconductor
MSM512800C
Notes:
1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight
initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device
operation is achieved.
2. The AC characteristics assume tT = 5 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals.
Transition times (tT) are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 2 TTL loads and 50 pF.
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, then the access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified
tRAD (Max.) limit, then the access time is controlled by tAA.
7. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieves the open
circuit condition and are not referenced to output voltage levels.
8. tRCH or tRRH must be satisfied for a read cycle.
9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are
included in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then
the cycle is an early write cycle and the data out will remain open circuit (high
impedance) throughout the entire cycle. If tCWD ≥tCWD (Min.) , tRWD≥tRWD (Min.),
tAWD ≥tAWD (Min.) and tCPWD ≥tCPWD (Min.), then the cycle is a read modify write
cycle and data out will contain data read from the selected cell; if neither of the above
sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
10. These parameters are referenced to the CAS leading edge in an early write cycle, and
to the WE leading edge in an OE control write cycle, or a read modify write cycle.


Similar Part No. - MSM512800C-45TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A-45 OKI-MSM512800A-45 Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A-50 OKI-MSM512800A-50 Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A-60 OKI-MSM512800A-60 Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM512800C-45TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514256C OKI-MSM514256C Datasheet
258Kb / 17P
   262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V4256A OKI-MSM51V4256A Datasheet
245Kb / 17P
   262,144-Word 쨈 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com