Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM512800C-XXTS-K Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM512800C-XXTS-K
Description  262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM512800C-XXTS-K Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM512800C-XXTS-K Datasheet HTML 3Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 4Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 5Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 6Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 7Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 8Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 9Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 10Page - OKI electronic componets MSM512800C-XXTS-K Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
¡ Semiconductor
MSM512800C
AC Characteristics (2/2)
MSM512800
C-45
MSM512800
C-50
MSM512800
C-40
Write Command Pulse Width
Write Command to CAS Lead Time
Write Command to RAS Lead Time
Data-in Set-up Time
Data-in Hold Time from RAS
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to WE Delay Time
RAS to CAS Set-up Time (CAS before RAS)
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
Write Command Hold Time from RAS
OE Command Hold Time
OE to Data-in Delay Time
(VCC = 5 V ±5%, Ta = 0°C to 70°C, Input Pulse Levels 0 V to 3 V) Note 1, 2, 3
Write Command Set-up Time
tWP
tCWL
tRWL
tDS
tDHR
tCWD
tRWD
tAWD
tCSR
tCHR
tRPC
tDH
tWCH
tWCR
tOEH
tOED
tWCS
Parameter
Symbol
CAS Precharge WE Delay Time
tCPWD
Note
10
9
9
9
10
9
9
Min.
10
14
14
0
35
36
70
48
10
25
0
12
12
35
12
12
0
46
Max.
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
ns
Min.
10
10
10
0
30
30
60
40
10
20
0
10
10
30
10
10
0
45
Min.
10
14
14
0
40
38
75
52
10
25
0
13
13
40
13
13
0
50
Max.
Max.


Similar Part No. - MSM512800C-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A-45 OKI-MSM512800A-45 Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A-50 OKI-MSM512800A-50 Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A-60 OKI-MSM512800A-60 Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM512800C-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514256C OKI-MSM514256C Datasheet
258Kb / 17P
   262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V4256A OKI-MSM51V4256A Datasheet
245Kb / 17P
   262,144-Word 쨈 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com