Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK32VT1632 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MK32VT1632
Description  16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK32VT1632 Datasheet(HTML) 3 Page - OKI electronic componets

  MK32VT1632 Datasheet HTML 1Page - OKI electronic componets MK32VT1632 Datasheet HTML 2Page - OKI electronic componets MK32VT1632 Datasheet HTML 3Page - OKI electronic componets MK32VT1632 Datasheet HTML 4Page - OKI electronic componets MK32VT1632 Datasheet HTML 5Page - OKI electronic componets MK32VT1632 Datasheet HTML 6Page - OKI electronic componets MK32VT1632 Datasheet HTML 7Page - OKI electronic componets MK32VT1632 Datasheet HTML 8Page - OKI electronic componets MK32VT1632 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MK32VT1632-10YC (98.09.03)
Page 3/11
PIN CONFIGURATION
Front side
Back side
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VSS
51
VSS
26
VSS
76
VSS
2
DQ0
52
DQ8
27
CKE0
77
NC
3
DQ1
53
DQ9
28
/WE
78
NC
4
DQ2
54
DQ10
29
/CS0
79
/CS1
5
DQ3
55
DQ11
30
/CS2
80
/CS3
6
VCC
56
VCC
31
VCC
81
VCC
7
DQ4
57
DQ12
32
NC
82
NC
8
DQ5
58
DQ13
33
NC
83
NC
9
DQ6
59
DQ14
34
NC
84
NC
10
DQ7
60
DQ15
35
NC
85
NC
11
DQMB0
61
DQMB1
36
VSS
86
VSS
12
VSS
62
VSS
37
DQMB2
87
DQMB3
13
A0
63
A1
38
DQ16
88
DQ24
14
A2
64
A3
39
DQ17
89
DQ25
15
A4
65
A5
40
DQ18
90
DQ26
16
A6
66
A7
41
DQ19
91
DQ27
17
A8
67
A9
42
VCC
92
VCC
18
A10
68
BA0
43
DQ20
93
DQ28
19
BA1
69
A11
44
DQ21
94
DQ29
20
NC
70
NC
45
DQ22
95
DQ30
21
VCC
71
VCC
46
DQ23
96
DQ31
22
NC
72
/RAS
47
VSS
97
VSS
23
NC
73
/CAS
48
SDA
98
SA0
24
NC
74
NC
49
SCL
99
SA1
25
CLK0
75
CLK1
50
VCC
100
SA2
Pin Name
Function
Pin Name
Function
Vcc
Power Supply (3.3V)
/WE
Write Enable
Vss
Ground (0V)
DQMB#
Data Input / Output Mask
CLK#
System Clock
DQ#
Data Input / Output
/CS#
Chip Select
SDA
Data I/O for SPD
CKE#
Clock Enable
SCL
CLK input for SPD
A0-A11
Address
SA#
Socket Position Address for SPD
BA0, BA1
Bank Select Address
N.C
No Connection
/RAS
Row Address Strobe
/CAS
Column Address Strobe


Similar Part No. - MK32VT1632

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK32VT1664A OKI-MK32VT1664A Datasheet
106Kb / 11P
   16,777,216 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1664A-8YC OKI-MK32VT1664A-8YC Datasheet
106Kb / 11P
   16,777,216 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1672A OKI-MK32VT1672A Datasheet
106Kb / 11P
   16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1672A-8YC OKI-MK32VT1672A-8YC Datasheet
106Kb / 11P
   16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
More results

Similar Description - MK32VT1632

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK32VT1672A OKI-MK32VT1672A Datasheet
106Kb / 11P
   16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1664A OKI-MK32VT1664A Datasheet
106Kb / 11P
   16,777,216 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT832 OKI-MK32VT832 Datasheet
99Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
   2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S4721E OKI-MSC23S4721E Datasheet
76Kb / 11P
   4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23V13258D OKI-MSC23V13258D Datasheet
368Kb / 10P
   1,048,576,Word X 32 Bit DYNAMIC RAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com