Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK32VT1664A Datasheet(PDF) 5 Page - OKI electronic componets

Part # MK32VT1664A
Description  16,777,216 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK32VT1664A Datasheet(HTML) 5 Page - OKI electronic componets

  MK32VT1664A Datasheet HTML 1Page - OKI electronic componets MK32VT1664A Datasheet HTML 2Page - OKI electronic componets MK32VT1664A Datasheet HTML 3Page - OKI electronic componets MK32VT1664A Datasheet HTML 4Page - OKI electronic componets MK32VT1664A Datasheet HTML 5Page - OKI electronic componets MK32VT1664A Datasheet HTML 6Page - OKI electronic componets MK32VT1664A Datasheet HTML 7Page - OKI electronic componets MK32VT1664A Datasheet HTML 8Page - OKI electronic componets MK32VT1664A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MK32VT1664A-8YC (98.07.17)
Page 5/11
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 to Vcc+0.5
V
Vcc supply voltage
Vcc, VccQ
-0.5 to 4.6
V
Storage temperature
Tstg
- 55
to
125
°C
Power dissipation
PD*
16
W
Short circuit current
IOS
50
mA
Operating temperature
Topr
0
to
70
°C
*: Ta=25°C
Recommended Operating Conditions
(Voltages referenced to Vss = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
Vcc,VccQ
3.0
3.3
3.6
V
Input high voltage
VIH
2.0
-
Vcc+0.3
V
Input low voltage
VIL
-0.3
-
0.8
V
Capacitance
(Vcc = 3.3V
± 0.3V,Ta = 25°C f =1MHz)
Parameter
Symbol
Max.
Unit
Input capacitance(A0-A11,BA0,BA1,/RAS, /CAS,/WE)
CIN1
98
pF
Input capacitance(/CS0,/CS1,/CS2,/CS3)
CIN2
34
pF
Input capacitance(DQMB0-DQMB7)
CIN3
22
pF
Input capacitance(CKE0,CKE1)
CIN4
58
pF
I/O capacitance(DQ0-DQ63)
CI/O
25
pF
Input capacitance(CLK0,CLK1,CLK2,CLK3)
CCLK
50
pF


Similar Part No. - MK32VT1664A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK32VT1632 OKI-MK32VT1632 Datasheet
97Kb / 11P
   16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1632-10YC OKI-MK32VT1632-10YC Datasheet
97Kb / 11P
   16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1672A OKI-MK32VT1672A Datasheet
106Kb / 11P
   16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1672A-8YC OKI-MK32VT1672A-8YC Datasheet
106Kb / 11P
   16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
More results

Similar Description - MK32VT1664A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK32VT1672A OKI-MK32VT1672A Datasheet
106Kb / 11P
   16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1632 OKI-MK32VT1632 Datasheet
97Kb / 11P
   16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT832 OKI-MK32VT832 Datasheet
99Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
   2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S4721E OKI-MSC23S4721E Datasheet
76Kb / 11P
   4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
logo
Mitsubishi Electric Sem...
MH16S64BAMD-6 MITSUBISHI-MH16S64BAMD-6 Datasheet
579Kb / 40P
   1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH16S64PHB-6 MITSUBISHI-MH16S64PHB-6 Datasheet
572Kb / 40P
   1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
logo
OKI electronic componet...
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com