Electronic Components Datasheet Search |
|
MSM514265E-60JS Datasheet(PDF) 6 Page - OKI electronic componets |
|
MSM514265E-60JS Datasheet(HTML) 6 Page - OKI electronic componets |
6 / 15 page MSM514265E/ESL PEDD514265ESL-01 AC Characteristic (1/2) (VCC = 5V ± 10%, Ta = 0°C to 70°C) Note1,2,3 MSM514265 E/ESL-60 MSM514265 E/ESL-70 Parameter Symbol Min. Max. Min. Max. Unit Note Random Read or Write Cycle Time tRC 104 124 ns Read Modify Write Cycle Time tRWC 135 160 ns Fast Page Mode Cycle Time tHPC 25 30 ns Fast Page Mode Read Modify Write Cycle Time tHPRWC 68 78 ns Access Time from RAS tRAC 60 70 ns 4, 5, 6 Access Time from CAS tCAC 15 20 ns 4,5 Access Time from Column Address tAA 30 35 ns 4,6 Access Time from CAS Precharge tCPA 35 40 ns 4,13 Access Time from OE tOEA 15 20 ns 4 Output Low Impedance Time from CAS tCLZ 0 0 ns 4 Data Output Hold After CAS Low tDOH 5 5 ns CAS to Data Output Buffer Turn-off Delay Time tCEZ 015020 ns 7,8 RAS to Data Output Buffer Turn-off Delay Time tREZ 015020 ns 7,8 OE to Data Output Buffer Turn-off Delay Time tOEZ 015020 ns 7 WE to Data Output Buffer Turn-off Delay Time tWEZ 015020 ns 7 Transition Time tT 150150 ns 3 Refresh Period tREF 8 8ms Refresh Period (SL version) tREF 128 128 ms 16 RAS Precharge Time tRP 40 50 ns RAS Pulse Width tRAS 60 10,000 70 10,000 ns RAS Pulse Width (Fast Page Mode with EDO) tRASP 60 100,000 70 100,000 ns RAS Hold Time tRSH 10 13 ns RAS Hold Time referenced to OE tROH 10 13 ns CAS Precharge Time (Fast Page Mode with EDO) tCP 10 10 ns 15 CAS Pulse Width tCAS 10 10,000 10 10,000 ns CAS Hold Time tCSH 40 45 ns CAS to RAS Precharge Time tCRP 5 5 ns 13 RAS Hold Time from CAS Precharge tRHCP 35 40 ns 13 OE Hold Time from CAS (DQ Disable) tCHO 5 5 ns RAS to CAS Delay Time tRCD 14 45 14 50 ns 5 RAS to Column Address Delay Time tRAD 12 30 12 35 ns 6 Row Address Set-up Time tASR 0 0 ns Row Address Hold Time tRAH 10 10 ns |
Similar Part No. - MSM514265E-60JS |
|
Similar Description - MSM514265E-60JS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |