Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514800D-60JS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM514800D-60JS
Description  524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514800D-60JS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM514800D-60JS Datasheet HTML 3Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 4Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 5Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 6Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 7Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 8Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 9Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 10Page - OKI electronic componets MSM514800D-60JS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Semiconductor
This Version: Dec.2000
MSM514800D/DSL
7/14
1
FEDD514800DSL-01
AC Characteristic (2/2)
(VCC = 5V ± 10%, Ta = 0°C to 70°C) Note1,2,3
MSM514800
D/DSL-60
MSM514800
D/DSL-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Column Address Set-up Time
tASC
0
0
ns
Column Address Hold Time
tCAH
10
15
ns
Column Address Hold Time from RAS
tAR
50
55
ns
Column Address to RAS Lead Time
tRAL
30
35
ns
Read Command Set-up Time
tRCS
0
0
ns
Read Command Hold Time
tRCH
0
0
ns
8
Read Command Hold Time referenced to
RAS
tRRH
0
0
ns
8
Write Command Set-up Time
tWCS
0
0
ns
9
Write Command Hold Time
tWCH
15
15
ns
Write Command Hold Time from RAS
tWCR
50
55
Write Command Pulse Width
tWP
15
15
ns
OE Command Hold Time
tOEH
15
20
ns
Write Command to RAS Lead Time
tRWL
15
20
ns
Write Command to CAS Lead Time
tCWL
15
20
ns
Data-in Set-up Time
tDS
0
0
ns
10
Data-in Hold Time
tDH
15
15
ns
10
Data-in Hold Time from RAS
tDHR
50
55
OE to Data-in Delay Time
tOED
15
20
ns
CAS to WE Delay Time
tCWD
40
50
ns
9
Column Address to WE Delay Time
tAWD
60
65
ns
9
RAS to WE Delay Time
tRWD
90
100
ns
9
CAS Precharge WE Delay Time
tCPWD
65
70
ns
9
CAS Active Delay Time from RAS
Precharge
tRPC
10
10
ns
RAS to CAS Set-up Time
(CAS before RAS)
tCSR
10
10
ns
RAS to CAS Hold Time (CAS before RAS)
tCHR
15
15
ns
RAS Pulse Width
(CAS before RAS Self-Refresh)
tRASS
100
100
µs
11
RAS Precharge Time
(CAS before RAS Self-Refresh)
tRPS
110
130
ns
11
CAS Hold Time
(CAS before RAS Self-Refresh)
tCHS
40
50
ns
11


Similar Part No. - MSM514800D-60JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514800A OKI-MSM514800A Datasheet
600Kb / 8P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A-10 OKI-MSM514800A-10 Datasheet
600Kb / 8P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A-70 OKI-MSM514800A-70 Datasheet
600Kb / 8P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A-80 OKI-MSM514800A-80 Datasheet
600Kb / 8P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800ASL OKI-MSM514800ASL Datasheet
600Kb / 8P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514800D-60JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514800C OKI-MSM514800C Datasheet
258Kb / 16P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A OKI-MSM514800A Datasheet
600Kb / 8P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800E OKI-MSM514800E Datasheet
174Kb / 14P
   524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514900C OKI-MSM514900C Datasheet
257Kb / 16P
   524,288-Word x 9-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800D OKI-MSM5117800D Datasheet
163Kb / 14P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800A OKI-MSM5117800A Datasheet
592Kb / 8P
   2,197,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com