Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514102DL-80TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM514102DL-80TS-K
Description  4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514102DL-80TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM514102DL-80TS-K Datasheet HTML 1Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 2Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 3Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 4Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 5Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 6Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 7Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 8Page - OKI electronic componets MSM514102DL-80TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/17
¡ Semiconductor
MSM514102D/DL
DC Characteristics
Parameter
Symbol
Condition
MSM514102
D/DL-60
MSM514102
D/DL-70
MSM514102
D/DL-80
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
IOH = –5.0 mA
Output High Voltage
IOL = 4.2 mA
Output Low Voltage
0 V £ VI £ 6.5 V;
All other pins not
Input Leakage Current
under test = 0 V
DOUT disable
Output Leakage Current
0 V £ VO £ 5.5 V
RAS, CS cycling,
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CS = VIH
Power Supply
RAS, CS
Current (Standby)
RAS cycling,
Average Power
CS = VIH,
Supply Current
tRC = Min.
(
RAS-only Refresh)
RAS = VIH,
Power Supply
CS = VIL,
Current (Standby)
DOUT = enable
Average Power
CS before RAS
Supply Current
(
CS before RAS Refresh)
RAS = VIL,
Average Power
Address cycling,
Supply Current
tSC = Min.
(Static Column Mode)
tRC = 125 ms,
Average Power
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICC9
ICC10 CS before RAS,
Supply Current
tRAS £ 1 ms
(Battery Backup)
≥ VCC –0.2 V
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
90
2
1
90
5
90
80
300
200
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
80
2
1
80
5
80
70
300
200
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
70
2
1
70
5
70
60
300
200
Unit
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Note
1, 2
1
1, 2
1
1, 2
1, 3
1, 4,
5
1, 5
RAS cycling,
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CS = VIH.
4. VCC – 0.2 V £ VIH £ 6.5 V, –1.0 V £ VIL £ 0.2 V.
5. L-version.


Similar Part No. - MSM514102DL-80TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514100DL OKI-MSM514100DL Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514102DL-80TS-K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51258P HITACHI-HM51258P Datasheet
500Kb / 9P
   262,144-word x 1-bit Static Column CMOS Dynamic RAM
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
logo
Toshiba Semiconductor
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com