Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514265ESL-70JS Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM514265ESL-70JS
Description  262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514265ESL-70JS Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM514265ESL-70JS Datasheet HTML 4Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 5Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 6Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 7Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 8Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 9Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 10Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 11Page - OKI electronic componets MSM514265ESL-70JS Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MSM514265E/ESL
PEDD514265ESL-01
Notes:
1.
A start-up delay of 200
µs is required after power-up, followed by a minimum of eight initialization
cycles (
RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved.
2.
The AC characteristics assume tT = 2ns.
3.
VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times
(tT) are measured between VIH and VIL.
4.
This parameter is measured with a load circuit equivalent to 1 TTL load and 50pF.
The output timing reference levels are VOH = 2.0V (IOH = −2mA) and VOL = 0.8V (IOH = 2mA).
5.
Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.)
limit, then the access time is controlled by tCAC.
6.
Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.)
limit, then the access time is controlled by tAA.
7.
tCEZ (Max.), tREZ (Max.), tWEZ (Max.), and tOEZ (Max.) define the time at which the output
achieved the open circuit condition and are not referenced to output voltage levels.
8.
tCEZ, and tREZ must be satisfied for open circuit condition.
9.
tRCH or tRRH must be satisfied for a read cycle.
10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in
the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then the cycle is an early
write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle.
If tCWD ≥ tCWD (Min.), tRWD ≥ tRWD (Min.), tAWD ≥ tAWD (Min.) and tCPWD ≥ tCPWD (Min.), then
the cycle is a read modify write cycle and data out will contain data read from the selected cell; if
neither of the above sets of conditions is satisfied, then the condition of the data out (at access time)
is indeterminate.
11. These parameters are referenced to the
UCAS and LCAS, leading edges in an early write cycle,
and to the
WE leading edge in an OE control write cycle, or a read modify write cycle.
12. These parameters are determined by the falling edge of either
UCAS or LCAS, whichever is
earlier.
13. These parameters are determined by the rising edge of either
UCAS or LCAS, whichever is later.
14. tCWL should be satisfied by both UCAS and LCAS.
15. tCP is determined by the time both UCAS and LCAS are high.
16. Only SL version.


Similar Part No. - MSM514265ESL-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM514265ESL-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM54V16258A OKI-MSM54V16258A Datasheet
1Mb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265C OKI-MSM514265C Datasheet
266Kb / 17P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com