Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM518205 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM518205
Description  4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518205 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM518205 Datasheet HTML 4Page - OKI electronic componets MSM518205 Datasheet HTML 5Page - OKI electronic componets MSM518205 Datasheet HTML 6Page - OKI electronic componets MSM518205 Datasheet HTML 7Page - OKI electronic componets MSM518205 Datasheet HTML 8Page - OKI electronic componets MSM518205 Datasheet HTML 9Page - OKI electronic componets MSM518205 Datasheet HTML 10Page - OKI electronic componets MSM518205 Datasheet HTML 11Page - OKI electronic componets MSM518205 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8/18
¡ Semiconductor
MSM518205
Notes:
1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight
initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device
operation is achieved.
2. The AC characteristics assume tT = 5 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals.
Transition times (tT) are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 2 TTL loads and 100 pF.
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, then the access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified
tRAD (Max.) limit, then the access time is controlled by tAA.
7. tCEZ (Max.), tREZ (Max.), tWEZ (Max.) and tOEZ (Max.) define the time at which the
output achieves the open circuit condition and are not referenced to output voltage
levels.
8. tCEZ and tREZ must be satisfied for open circuit condition.
9. tRCH or tRRH must be satisfied for a read cycle.
10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are
included in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then
the cycle is an early write cycle and the data out will remain open circuit (high
impedance) throughout the entire cycle. If tCWD ≥tCWD (Min.) , tRWD≥tRWD (Min.),
tAWD ≥tAWD (Min.) and tCPWD ≥tCPWD (Min.), then the cycle is a read modify write
cycle and data out will contain data read from the selected cell; if neither of the above
sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
11. These parameters are referenced to the CAS leading edge in an early write cycle, and
to the WE leading edge in an OE control write cycle, or a read modify write cycle.
12. The test mode is initiated by performing a WE and CAS before RAS refresh cycle.
This mode is latched and remains in effect until the exit cycle is generated. In a test mode
CA0 and CA1 are not used and each DQ pin now accesses 4-bit locations. Since all 2 DQ
pins are used, a total of 8 data bits can be written in parallel into the memory array. In
a read cycle, if 4 data bits are equal, the DQ pin will indicate a high level. If the 4 data
bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the
memory device returned to its normal operating state by performing a RAS-only
refresh cycle or a CAS before RAS refresh cycle.
13. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the
specified value. These parameters should be specified in test mode cycle by adding the
above value to the specified value in this data sheet.
14. These parameters are determined by the falling edge of either CAS1 or CAS2,
whichever is earlier.
15. These parameters are determined by the rising edge of either CAS1 or CAS2,
whichever is later.
16. tCWL should be satisfied by both CAS1 and CAS2.
17. tCP is determined by the time both CAS1 and CAS2 are high.


Similar Part No. - MSM518205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518200 OKI-MSM518200 Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60SJ OKI-MSM518200-60SJ Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60TS-K OKI-MSM518200-60TS-K Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70SJ OKI-MSM518200-70SJ Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70TS-K OKI-MSM518200-70TS-K Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM518205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405A OKI-MSM51V17405A Datasheet
631Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405C OKI-MSM5117405C Datasheet
678Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405D OKI-MSM5117405D Datasheet
193Kb / 15P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405A OKI-MSM5116405A Datasheet
596Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405B OKI-MSM5117405B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405A OKI-MSM51V16405A Datasheet
602Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com