Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML70Q5111LA Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML70Q5111LA
Description  Bluetooth Baseband Controller IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML70Q5111LA Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML70Q5111LA Datasheet HTML 5Page - OKI electronic componets ML70Q5111LA Datasheet HTML 6Page - OKI electronic componets ML70Q5111LA Datasheet HTML 7Page - OKI electronic componets ML70Q5111LA Datasheet HTML 8Page - OKI electronic componets ML70Q5111LA Datasheet HTML 9Page - OKI electronic componets ML70Q5111LA Datasheet HTML 10Page - OKI electronic componets ML70Q5111LA Datasheet HTML 11Page - OKI electronic componets ML70Q5111LA Datasheet HTML 12Page - OKI electronic componets ML70Q5111LA Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
FEDL70Q5111LA-01
1Semiconductor
ML70Q5111LA
9/26
TEST I/F
Pin Name
Direction
Internal
Pull Up/Down
Initial
Value
Pin
Placement
Description
TEST_L
I
[*4]
Test pin (input)
TEST_H
I
D4
Test pin (input)
TEST_PU
Oc
L
B5
Test monitor pin
VTM
I
C9
Test pin
NC
A1, A13,
N1, N13
No Connection
Power, GND
Pin Name
Direction
Internal
Pull Up/Down
Initial
Value
Pin
Placement
Description
V
DD
[*5]
I/O power pin 3.3 V ±0.3 V
LVDD
E4
I/O power pin 3.3 V ±0.3 V (Same voltage
to the V
DD for ML7050LA)
GND
[*6]
Digital block ground pin
AVDD0
E13
AVDD1
C11
Analog block power pin 2.5 V ±0.25 V
(Connect to REGOUT pin: F12)
AGND0
E11
AGND1
A11
Analog block ground pin
(Connect to REGGND pin: F13)
REGVDD
E12
Regulator power pin (3.0 to 3.6 V)
REGGND
F13
Regulator ground pin
REGOUT
F12
Regulator output
REGVBG
E10
Regulator reference voltage tuning
[*4]
TEST_L (TEST5):
A8
TEST_L (TEST4):
D8
TEST_L (TEST3):
C8
TEST_L (TEST2):
B7
TEST_L (TEST1):
D7
TEST_L (TEST0):
B6
TEST_L (PLLSEL): C10
TSET_L (PLLEN):
A12
TSET_L (SVCO1):
B3
[*5]
C6, G1, K7, J12, H11, D12, L10
[*6]
B11, C7, A6, A4, E2, F3, J2, N5, L6, M8, N12, H13, G12, F10, C12


Similar Part No. - ML70Q5111LA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
   Bluetooth Baseband Controller IC
More results

Similar Description - ML70Q5111LA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
   Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
   Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
   Bluetooth Baseband Controller IC
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
   BLUETOOTH BASEBAND
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
   BLUETOOTH BASEBAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com