Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514102D-XXTS-K Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM514102D-XXTS-K
Description  4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514102D-XXTS-K Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM514102D-XXTS-K Datasheet HTML 2Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 3Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 4Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 5Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 6Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 7Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 8Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 9Page - OKI electronic componets MSM514102D-XXTS-K Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/17
¡ Semiconductor
MSM514102D/DL
AC Characteristics (1/2)
Parameter
Random Read or Write Cycle Time
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 12, 13
MSM514102
D/DL-70
Read Modify Write Cycle Time
Static Column Mode Cycle Time
Static Column Mode Read Modify Write
Cycle Time
Access Time from
RAS
Access Time from
CS
Access Time from Column Address
Output Low Impedance Time from
CS
Transition Time
Refresh Period
Refresh Period (L-version)
RAS Precharge Time
RAS Pulse Width (Static Column Mode)
RAS Hold Time
CS Precharge Time (Static Column Mode)
CS Pulse Width
RAS Pulse Width
CS Hold Time
CS to RAS Precharge Time
RAS to CS Delay Time
RAS to Column Address Delay Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from
RAS
Column Address to
RAS Lead Time
Output Enable Time referenced to
WE
Note
4, 5, 6
4, 5
4, 6, 7
8
3
5
6
4
4
CS to Data Output Buffer Turn-off Delay Time
Symbol
tRC
tRWC
tSC
tSRWC
tRAC
tCAC
tAA
tCLZ
tOFF
tT
tREF
tREF
tRP
tRAS
tRASC
tRSH
tCP
tCS
tCSH
tCRP
tRCD
tRAD
tASR
tRAH
tASC
tCAH
tAR
tRAL
tOW
Min.
130
155
40
70
0
0
3
50
70
70
20
10
20
70
5
20
15
0
10
0
15
85
35
Max.
70
20
35
20
50
16
128
10,000
100,000
10,000
50
35
20
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ms
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
150
175
45
80
0
0
3
60
80
80
20
10
20
80
5
20
15
0
10
0
15
95
40
Max.
80
20
40
20
50
16
128
10,000
100,000
10,000
60
40
20
Max.
60
15
30
15
50
16
128
10,000
100,000
10,000
45
30
15
Min.
110
130
35
60
0
0
3
40
60
60
15
10
15
60
5
20
15
0
10
0
15
75
30
MSM514102
D/DL-80
MSM514102
D/DL-60
Access Time from Last Write
4, 7
tALW
—65
ns
—75
55
Data Output Hold Time referenced to
Column Address
Data Output Hold Time from
WE
tAOH
tWOH
5
0
ns
ns
5
0
5
0
Column Address Hold Time from
RAS
(Write Cycle)
tAWR
55
ns
60
50
Column Address Hold Time from
RAS
Precharge
tAH
10
ns
10
10


Similar Part No. - MSM514102D-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514100DL OKI-MSM514100DL Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514102D-XXTS-K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51258P HITACHI-HM51258P Datasheet
500Kb / 9P
   262,144-word x 1-bit Static Column CMOS Dynamic RAM
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
logo
Toshiba Semiconductor
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com