Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM518200-80TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM518200-80TS-K
Description  4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518200-80TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM518200-80TS-K Datasheet HTML 1Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 2Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 3Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 4Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 5Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 6Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 7Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 8Page - OKI electronic componets MSM518200-80TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
¡ Semiconductor
MSM518200
DC Characteristics
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS1, CAS2 = VIH.
Parameter
Symbol
Condition
MSM518200
-60
MSM518200
-70
MSM518200
-80
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
IOH = –5.0 mA
Output High Voltage
IOL = 4.2 mA
Output Low Voltage
0 V £ VI £ 6.5 V;
All other pins not
Input Leakage Current
under test = 0 V
DQ disable
Output Leakage Current
0 V £ VO £ 5.5 V
RAS, CAS1, CAS2
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CAS1, CAS2 = VIH
Power Supply
RAS, CAS1, CAS2
Current (Standby)
RAS cycling,
Average Power
CAS1, CAS2 = VIH,
Supply Current
tRC = Min.
(
RAS-only Refresh)
RAS = VIH,
Power Supply
CAS1, CAS2 = VIL,
Current (Standby)
DQ = enable
Average Power
CAS1, CAS2
Supply Current
(
CAS before RAS Refresh)
RAS = VIL,
Average Power
CAS1, CAS2 cycling,
Supply Current
tPC = Min.
(Fast Page Mode)
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICC7
≥ VCC –0.2 V
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
70
2
1
70
5
70
60
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
65
2
1
65
5
65
55
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
60
2
1
60
5
60
50
Unit
V
V
mA
mA
mA
mA
mA
mA
mA
mA
Note
1, 2
1
1, 2
1
1, 2
1, 3
RAS cycling,
cycling,
before
RAS


Similar Part No. - MSM518200-80TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518205 OKI-MSM518205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518205-60 OKI-MSM518205-60 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518205-60SJ OKI-MSM518205-60SJ Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518205-60TS-K OKI-MSM518205-60TS-K Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518205-70 OKI-MSM518205-70 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM518200-80TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM519200 OKI-MSM519200 Datasheet
477Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400D OKI-MSM51V16400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com