Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM518222A-25ZS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM518222A-25ZS
Description  262,214-Word X 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518222A-25ZS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM518222A-25ZS Datasheet HTML 1Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 2Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 3Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 4Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 5Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 6Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 7Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 8Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
¡ Semiconductor
MSM518222A
5/16
OPERATION
Write Operation
The write operation is controlled by three clocks, SWCK, RSTW, and WE. Write operation is
accomplished bycyclingSWCK,and holding WE high after the write address pointer reset operation
or RSTW.
Each write operation, which begins after RSTW, must contain at least 80 active write cycles, i.e.
SWCK cycles while WE is high. To transfer the last data to the DRAM array, which at that time
is stored in the serial data registers attached to the DRAM array, an RSTW operation is required
after the last SWCK cycle.
Note that every write timing of MSM518222A is delayed by one clock compared with read timings
for easy cascading without any interface delay devices.
Write Reset : RSTW
The first positive transition of SWCK after RSTW becomes high resets the write address counters to
zero. RSTW setup and hold times are referenced to the rising edge of SWCK. Because the write reset
function is solely controlled by the SWCK rising edge after the high level of RSTW, the states of WE
and IE are ignored in the write reset cycle.
Before RSTW may be brought high again for a further reset operation, it must be low for at least two
SWCK cycles.
Data Inputs : DIN0 - 7
Write Clock : SWCK
The SWCK latches the input data on chip when WE is high, and also increments the internal write
addresspointer. Data-insetuptimetDS,andholdtimetDHarereferencedtotherisingedgeofSWCK.
Write Enable : WE
WE is used for data write enable/disable control. WE high level enables the input, and WE low level
disables the input and holds the internal write address pointer. There are no WE disable time (low)
and WE enable time (high) restrictions, because the MSM518222A is in fully static operation as long
as the power is on. Note that WE setup and hold times are referenced to the rising edge of SWCK.
Input Enable : IE
IE is used to enable/disable writing into memory. IE high level enables writing. The internal write
addresspointerisalwaysincrementedbycyclingSWCKregardlessoftheIElevel. NotethatIEsetup
and hold times are referenced to the rising edge of SWCK.


Similar Part No. - MSM518222A-25ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25JS OKI-MSM518222-25JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25ZS OKI-MSM518222-25ZS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30GS-K OKI-MSM518222-30GS-K Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30JS OKI-MSM518222-30JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results

Similar Description - MSM518222A-25ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com