Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN78M18 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN78M18
Description  3-pin Positive Output Voltage Regulators 500mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78M18 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN78M18 Datasheet HTML 1Page - Panasonic Semiconductor AN78M18 Datasheet HTML 2Page - Panasonic Semiconductor AN78M18 Datasheet HTML 3Page - Panasonic Semiconductor AN78M18 Datasheet HTML 4Page - Panasonic Semiconductor AN78M18 Datasheet HTML 5Page - Panasonic Semiconductor AN78M18 Datasheet HTML 6Page - Panasonic Semiconductor AN78M18 Datasheet HTML 7Page - Panasonic Semiconductor AN78M18 Datasheet HTML 8Page - Panasonic Semiconductor AN78M18 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
s Overview
The AN78M00 and the AN78M00F series are 3-pin
fixed positive output voltage regulators. Stabilized fixed
output voltage is obtained from unstable DC input volt-
age without using any external components. 11 types of
fixed output voltage are available;5V, 6V, 7V, 8V, 9V, 10V,
12V, 15V, 18V, 20V and 24V. They can be used widely in
power circuits with current capacitance up to 500mA.
s Features
• No external components
• Output voltage:5V, 6V, 7V, 8V, 9V, 10V, 12V,
15V, 18V, 20V, 24V
• Short-circuit current limiting built-in
• Thermal overload protection built-in
• Output transistor safe area compensation
AN78M00/AN78M00F Series
3-pin Positive Output Voltage Regulators (500mA Type)
s Block Diagram
Unit:mm
AN78M00 Series
10.4
±0.5
1.4
±0.1
1.4
±0.25
ø3.7
10.5
±0.5
2.54
0.45
1:Input
2:Common
3:Output
2.5
±0.25
+ 0.1
– 0.05
123
4.5
±0.3
JEDEC:TO-220AB (HSIP003-P-0000)
0.8
±0.2
Unit:mm
AN78M00F Series
1.4
±0.2
TO-220 Full Pack Package (HSIP003-P-0000A)
10.5
±0.3
2.77
±0.3
(1.73)
12
3
ø5.3
ø3.1
±0.1
(4.3)
2.5
±0.25
4.5
±0.3
1:Input
2:Common
3:Output
2.0
±0.25
0.8
±0.2
(0.4)
2.54
0.4
+ 0.1
– 0.05
1
3
2
Input
Pass Tr
Output
Common
Starter
Voltage
Reference
Current
Source
Error Amp.
+
Thermal
Protection
Q1
RSC
R2
R1
Current
Limiter


Similar Part No. - AN78M18

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78M12R PANASONIC-AN78M12R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
More results

Similar Description - AN78M18

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Panasonic Semiconductor
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com