Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM531655E Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM531655E
Description  524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM, 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM531655E Datasheet(HTML) 1 Page - OKI electronic componets

  MSM531655E Datasheet HTML 1Page - OKI electronic componets MSM531655E Datasheet HTML 2Page - OKI electronic componets MSM531655E Datasheet HTML 3Page - OKI electronic componets MSM531655E Datasheet HTML 4Page - OKI electronic componets MSM531655E Datasheet HTML 5Page - OKI electronic componets MSM531655E Datasheet HTML 6Page - OKI electronic componets MSM531655E Datasheet HTML 7Page - OKI electronic componets MSM531655E Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Semiconductor
524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM
8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM
DESCRIPTION
FEATURES
Pin compatible OTP available
Packages:
70-PIN PLASTIC SSOPP
70-PIN PLASTIC TSOP(Type II)
Internal powerdown function
Tri-State output configurations
Input/Output TTL compatible
Access time
100ns Max (Normal access)
50ns Max (Page access)
524,288-double words x 32-bit / 1,048,576-words x 16-bit
Single 5.0V power supply
The OKI MSM531655E is a 524,288-double words x 32-bit or 1,048,576-words x 16-bit
CMOS Mask ROM with an asynchronous page read mode. Each page is organized 8 double
words x 32-bit or 16 words x 16-bit. It operates on a single 5.0V power supply and is TTL
compatible. The chip's asynchronous I/O requires no external clock assuring easy operation.
A power-down mode provides low power dissipation when the chip is not selected. The CE
and OE pins are provided as control signals that permit three-stated output allowing easy
memory expansion on a system bus.The MSM531655E is suited for use as large capacity
fixed memory for microcomputers and data terminals.
MSM531655E
8-double words(A2,A1,A0) or 16-words(A2,A1,A0,A-1) / Page
(MSM531655E-xxGS-K)
(MSM531655E-xxTS-K)
(SSOP70-P-500/0.8-K)
(TSOP70-P-400/0.65-K)


Similar Part No. - MSM531655E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM531652F OKI-MSM531652F Datasheet
102Kb / 8P
   1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
More results

Similar Description - MSM531655E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM53V1655F OKI-MSM53V1655F Datasheet
103Kb / 8P
   524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM
MSM538052E OKI-MSM538052E Datasheet
103Kb / 8P
   524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
MSM534052E OKI-MSM534052E Datasheet
77Kb / 8P
   262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
MSM531652F OKI-MSM531652F Datasheet
102Kb / 8P
   1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM531632E OKI-MSM531632E Datasheet
102Kb / 9P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com