Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN78M20 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN78M20
Description  3-pin Positive Output Voltage Regulators 500mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78M20 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN78M20 Datasheet HTML 1Page - Panasonic Semiconductor AN78M20 Datasheet HTML 2Page - Panasonic Semiconductor AN78M20 Datasheet HTML 3Page - Panasonic Semiconductor AN78M20 Datasheet HTML 4Page - Panasonic Semiconductor AN78M20 Datasheet HTML 5Page - Panasonic Semiconductor AN78M20 Datasheet HTML 6Page - Panasonic Semiconductor AN78M20 Datasheet HTML 7Page - Panasonic Semiconductor AN78M20 Datasheet HTML 8Page - Panasonic Semiconductor AN78M20 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VO
10.4
V
10
Tj=25˚C
VO
V
VI=12.5 to 25V, IO=5 to 350mA,
Tj=25˚C, PD *
REGIN
100
mV
7
VI=12.5 to 30V, Tj=25˚C
mV
REGL
mV
25
IO=5 to 500mA, Tj=25˚C
mV
IO=5 to 200mA, Tj=25˚C
VI=13 to 25V, Tj=25˚C
mA
4.1
Tj=25˚C
2
Ibias
mA
VI=13 to 25V, Tj=25˚C
mA
65
IO=5 to 350mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
0.8
0.5
50
10.5
200
100
6
56
9.6
9.5
RR
VI=13 to 23V, IO=100mA, f=120Hz
V
2
IO=500mA, Tj=25˚C
mA
300
mA
700
VI=35V, Tj=25˚C
10
Tj=25˚C
– 0.5
IO=5mA, Tj=0 to 125˚C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=16V, IO=350mA, CI=0.33
µF and C
O=0.1
µF.
* AN78M00 Series:15W, AN78M00F Series:10.25W
=
<
· AN78M10/78M10F (10V Type)
s Electrical Characteristics (Ta=25˚C)
VO
12.5
V
12
Tj=25˚C
VO
V
VI=14.5 to 27V, IO=5 to 350mA,
Tj=25˚C, PD *
REGIN
100
mV
8
VI=14.5 to 30V, Tj=25˚C
mV
REGL
mV
25
IO=5 to 500mA, Tj=25˚C
mV
IO=5 to 200mA, Tj=25˚C
VI=16 to 30V, Tj=25˚C
mA
4.3
Tj=25˚C
2
Ibias
mA
VI=14.5 to 30V, Tj=25˚C
mA
75
IO=5 to 350mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
0.8
0.5
50
12.6
240
120
6
55
11.5
11.4
RR
VI=15 to 25V, IO=100mA, f=120Hz
V
2
IO=500mA, Tj=25˚C
mA
300
mA
700
VI=35V, Tj=25˚C
10
Tj=25˚C
– 0.8
IO=5mA, Tj=0 to 125˚C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak cutput current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=19V, IO=350mA, CI=0.33
µF and C
O=0.1
µF.
* AN78M00 Series:15W, AN78M00F Series:10.25W
· AN78M12/78M12F (12V Type)
=
<


Similar Part No. - AN78M20

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78M00R PANASONIC-AN78M00R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M05R PANASONIC-AN78M05R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M08R PANASONIC-AN78M08R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M09R PANASONIC-AN78M09R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN78M12R PANASONIC-AN78M12R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
More results

Similar Description - AN78M20

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Panasonic Semiconductor
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com