Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM548512L-80RS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM548512L-80RS
Description  524,288-Word X 8-Bit High-Speed PSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548512L-80RS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM548512L-80RS Datasheet HTML 1Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 2Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 3Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 4Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 5Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 6Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 7Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 8Page - OKI electronic componets MSM548512L-80RS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
¡ Semiconductor
MSM548512L
5/12
DC Characteristics
ISB1
Parameter
Operating Current
Symbol
Unit
mA
ICC1
mA
Min.
Standby Current
ICC2
mA
ISB2
mA
Self Refresh Current
ILI
mA
ICC3
mA
–10
Input Leakage Current
VOL
Output Leakage Current
mA
ILO
–10
V
Output Low Level
VOH
V
2.4
Output High Level
50
1
Typ.
100
1
100
75
2
Max.
200
2
200
10
10
0.4
Condition
II/O = Open, tcyc = min.
CE = VIH, OE/RFSH = VIH,
VCC = 5.5 V, VIN = VSS to VCC
OE/RFSH = VIH, VI/O = VSS to VCC
IOL = 2.1 mA
IOH = –1 mA
CE ≥ VCC – 0.2 V, VIN ≥ 0 V,
CE = VIH, OE/RFSH = VIL,
CE ≥ VCC – 0.2 V, VIN ≥ 0 V,
(VCC = 5 V ±10%, VSS = 0 V, Ta = 0°C to 70°C)
VIN ≥ 0 V
OE/RFSH ≥ VCC – 0.2 V
VIN ≥ 0 V
OE/RFSH £ 0.2 V
Capacitance
Note:
This parameter is periodically sampled and is not 100% tested.
CI/O
Parameter
Input Capacitance
Symbol
Unit
pF
CIN
pF
Min.
I/O Pin Capacitance
Typ.
8
10
Max.
Condition
VIN = 0 V
VI/O = 0 V


Similar Part No. - MSM548512L-80RS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-70GS-K OKI-MSM548128BL-70GS-K Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-70RS OKI-MSM548128BL-70RS Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-80GS-K OKI-MSM548128BL-80GS-K Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-80RS OKI-MSM548128BL-80RS Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
More results

Similar Description - MSM548512L-80RS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM27C401CZ OKI-MSM27C401CZ Datasheet
93Kb / 14P
   524,288-Word x 8-Bit One Time PROM
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com