Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM548512L-12RS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM548512L-12RS
Description  524,288-Word X 8-Bit High-Speed PSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548512L-12RS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM548512L-12RS Datasheet HTML 1Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 2Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 3Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 4Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 5Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 6Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 7Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 8Page - OKI electronic componets MSM548512L-12RS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
¡ Semiconductor
MSM548512L
2/12
Pin Name
Function
A0 - A18
VSS
VCC
WE
OE/RFSH
CE
I/O0 - I/O7
Address Input
Data Input/Output
Chip Enable Input
Output Enable / Refresh Input
Write Enable Input
Power Voltage (5 V)
Ground (0 V)
PIN CONFIGURATION (TOP VIEW)
I/O1
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
VCC
A15
A17
WE
A13
A8
A9
A11
OE/RFSH
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
32-Pin Plastic DIP
32-Pin Plastic SOP
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O2
VSS
VCC
A15
A17
WE
A13
A8
A9
A11
OE/RFSH
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
,


Similar Part No. - MSM548512L-12RS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-70GS-K OKI-MSM548128BL-70GS-K Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-70RS OKI-MSM548128BL-70RS Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-80GS-K OKI-MSM548128BL-80GS-K Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-80RS OKI-MSM548128BL-80RS Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
More results

Similar Description - MSM548512L-12RS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM27C401CZ OKI-MSM27C401CZ Datasheet
93Kb / 14P
   524,288-Word x 8-Bit One Time PROM
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com