Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5117805F Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5117805F
Description  2,097,152-Word8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117805F Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5117805F Datasheet HTML 1Page - OKI electronic componets MSM5117805F Datasheet HTML 2Page - OKI electronic componets MSM5117805F Datasheet HTML 3Page - OKI electronic componets MSM5117805F Datasheet HTML 4Page - OKI electronic componets MSM5117805F Datasheet HTML 5Page - OKI electronic componets MSM5117805F Datasheet HTML 6Page - OKI electronic componets MSM5117805F Datasheet HTML 7Page - OKI electronic componets MSM5117805F Datasheet HTML 8Page - OKI electronic componets MSM5117805F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FEDD5117805F-01
1Semiconductor
MSM5117805F
4/16
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on Any Pin Relative VSS
VIN, VOUT
–0.5 to VCC+0.5
V
Voltage VCC Supply relative to VSS
VCC
–0.5 to 7.0
V
Short Circuit Output Current
IOS
50
MA
Power Dissipation
PD*
1W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–55 to 150
°C
*: Ta = 25
°C
RECOMMENDED OPERATING CONDITION
(Ta = 0 to 70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power Supply Voltage
VSS
00
0
V
Input High Voltage
VIH
2.4
VCC + 0.5
*1
V
Input Low Voltage
VIL
− 0.5*2
0.8
V
Notes: *1. The input voltage is VCC + 2.0V when the pulse width is less than 20ns (the pulse width is with respect
to the point at which VCC is applied).
*2. The input voltage is VSS − 2.0V when the pulse width is less than 20ns (the pulse width respect to the
point at which VSS is applied).
PIN CAPACITANCE
(Vcc = 5V
± 10%, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Min.
Max.
Unit
Input Capacitance (A0 – A9, A10R)
CIN1
—5
pF
Input Capacitance
(
RAS, CAS, WE, OE)
CIN2
—7
pF
Output Capacitance (DQ1 – DQ8)
CI/O
—7
pF


Similar Part No. - MSM5117805F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5117805F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17805F OKI-MSM51V17805F Datasheet
234Kb / 17P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17800F OKI-MSM51V17800F Datasheet
213Kb / 15P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com