Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8003M Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN8003M
Description  3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8003M Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN8003M Datasheet HTML 1Page - Panasonic Semiconductor AN8003M Datasheet HTML 2Page - Panasonic Semiconductor AN8003M Datasheet HTML 3Page - Panasonic Semiconductor AN8003M Datasheet HTML 4Page - Panasonic Semiconductor AN8003M Datasheet HTML 5Page - Panasonic Semiconductor AN8003M Datasheet HTML 6Page - Panasonic Semiconductor AN8003M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Tj=25˚C
VI=9.5 to 15V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VDIF (min.)
VI=8.8V, IO=20mA, Tj=25˚C
VI=8.8V, IO=50mA, Tj=25˚C
IO=1 to 50mA, Tj=25˚C
IO=0mA, Tj=25˚C
Note1) The specified condition Tj=25˚C means that the test should be conducted with each test time reduced (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be ignored.
Note2) Unless otherwise specified, VI=10V, IO=20mA, CO=10
µF
VI=10 to 12V, f=120Hz
µV
Vno
mV/˚C
f=10Hz to 100kHz
∆V
O/Ta
Tj=–30 to+125˚C
s Electrical Characteristics (Ta=25˚C)
· AN8009/AN8009M (9V Type)
VO
9.36
V
9
REGIN
mV
REGL
70
mV
mV
V
0.07
V
mA
0.8
Ibias
dB
RR
Vno
0.45
75
100
0.2
0.3
1.4
8.64
47
0.14
9
17
37
150
59
Parameter
Symbol
Condition
min
typ
max
Output voltage
Line regulation
Load regulation
Minimum I/O voltage difference
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
Tj=25˚C
VI=10.5 to 16V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VDIF (min.)
VI=9.8V, IO=20mA, Tj=25˚C
VI=9.8V, IO=50mA, Tj=25˚C
IO=1 to 50mA, Tj=25˚C
IO=0mA, Tj=25˚C
Note1) The specified condition Tj=25˚C means that the test should be conducted with each test time reduced (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be ignored.
Note2) Unless otherwise specified, VI=11V, IO=20mA, CO=10
µF
VI=11 to 13V, f=120Hz
µV
Vno
mV/˚C
f=10Hz to 100kHz
∆V
O/Ta
Tj=–30 to+125˚C
· AN8010/AN8010M (10V Type)
VO
10.4
V
10
REGIN
mV
REGL
75
mV
mV
V
0.07
V
mA
0.8
Ibias
dB
RR
Vno
0.5
85
100
0.2
0.3
1.4
9.6
46
0.14
10
18
40
165
58
Parameter
Symbol
Condition
min
typ
max
Output voltage
Line regulation
Load regulation
Minimum I/O voltage difference
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
10
µF
Vout
Vin
AN8000
AN8000M
+
0.33
µF
The AN8000/AN8000M series has IC internal gain increased in order to improve
performance. When the power line on the output side is long, use a capacitor of
10
µF.
For the capacitor on the output side, attach it as close to the IC as possible.
When using at a low temperature, it is recommended to use the capacitors with
low internal impedance (for example, tantalum capacitor) for output capacitors.
s Application Circuit


Similar Part No. - AN8003M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8003M PANASONIC-AN8003M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
More results

Similar Description - AN8003M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN80L20RMSTX PANASONIC-AN80L20RMSTX Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com