Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5116805C-60TS-L Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM5116805C-60TS-L
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116805C-60TS-L Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5116805C-60TS-L Datasheet HTML 1Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 2Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 3Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 4Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 5Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 6Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 7Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 8Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
¡ Semiconductor
MSM5116805C
PIN CONFIGURATION (TOP VIEW)
3
4
5
9
10
11
12
13
DQ2
DQ3
DQ4
A10R
A0
A1
A2
A3
26
25
24
20
19
18
17
16
DQ7
DQ6
DQ5
A8
A7
A6
A5
A4
2
DQ1
27 DQ8
1
VCC
28 VSS
28-Pin Plastic SOJ
3
4
5
9
10
11
12
13
26
25
24
20
19
18
17
16
2
27
1
28
26
25
24
20
19
18
17
16
3
4
5
9
10
11
12
13
27
2
28
1
28-Pin Plastic TSOP
(K Type)
28-Pin Plastic TSOP
(L Type)





6
WE
23
CAS
23
23
6
8
A11R
21 A9R
21
21
8
6
8
7
RAS
22
OE
22
22
7
7
14
VCC
15 VSS
14
15
15
14
DQ2
DQ3
DQ4
A10R
A0
A1
A2
A3
DQ1
VCC
WE
A11R
RAS
VCC
DQ7
DQ6
DQ5
A8
A7
A6
A5
A4
DQ8
VSS
CAS
A9R
OE
VSS
DQ2
DQ3
DQ4
A10R
A0
A1
A2
A3
DQ1
VCC
WE
A11R
RAS
VCC
DQ7
DQ6
DQ5
A8
A7
A6
A5
A4
DQ8
VSS
CAS
A9R
OE
VSS
Pin Name
Function
A0 - A8,
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ8
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (5 V)
VSS
Ground (0 V)
A9R - A11R
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.


Similar Part No. - MSM5116805C-60TS-L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5116805C-60TS-L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805B OKI-MSM51V17805B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805D OKI-MSM51V17805D Datasheet
403Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com