Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5116805C-60TS-L Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5116805C-60TS-L
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116805C-60TS-L Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5116805C-60TS-L Datasheet HTML 2Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 3Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 4Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 5Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 6Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 7Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 8Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 9Page - OKI electronic componets MSM5116805C-60TS-L Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
¡ Semiconductor
MSM5116805C
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from
RAS
Access Time from
CAS
Access Time from Column Address
Access Time from
CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Transition Time
RAS Precharge Time
RAS Pulse Width
RAS Pulse Width (Fast Page Mode with EDO)
RAS Hold Time
CAS Pulse Width
CAS Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
CAS to RAS Precharge Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address to
RAS Lead Time
Access Time from
OE
OE to Data Output Buffer Turn-off Delay Time
Refresh Period
RAS Hold Time referenced to OE
RAS Hold Time from CAS Precharge
tRC
tRWC
tHPC
tHPRWC
tRAC
tCAC
tAA
tCPA
tCEZ
tT
tRP
tRAS
tRASP
tRSH
tCAS
tCSH
tRCD
tRAD
tCRP
tASR
tRAH
tASC
tCAH
tRAL
tOEA
tOEZ
tREF
tROH
tRHCP
Output Low Impedance Time from
CAS
tCLZ
CAS Precharge Time (Fast Page Mode with EDO)
tCP
Parameter
MSM5116805
C-60
MSM5116805
C-70
MSM5116805
C-50
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 12, 13
Symbol
Note
4, 5, 6
4, 5
4, 6
4
7, 8
5
6
4
7
4
3
Max.
60
15
30
35
15
50
10,000
100,000
10,000
45
30
15
15
64
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
Min.
84
110
20
58
0
0
1
30
50
50
7
7
7
35
11
9
5
0
7
0
7
25
0
7
30
Max.
50
13
25
30
13
50
10,000
100,000
10,000
37
25
13
13
64
Min.
124
160
30
78
0
0
1
50
70
70
13
10
13
45
14
12
5
0
10
0
13
35
0
13
40
Max.
70
20
35
40
20
50
10,000
100,000
10,000
50
35
20
20
64
Min.
104
135
25
68
0
0
1
40
60
60
10
10
10
40
14
12
5
0
10
0
10
30
0
10
35
Data Output Hold After
CAS Low
WE to Data Output Buffer Turn-off Delay Time
RAS to Data Output Buffer Turn-off Delay Time
tDOH
tWEZ
tREZ
7, 8
7
15
15
ns
ns
ns
5
0
0
13
13
5
0
0
20
20
5
0
0
OE Hold Time from CAS (DQ Disable)
tCHO
ns
5—
5
5—


Similar Part No. - MSM5116805C-60TS-L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5116805C-60TS-L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805B OKI-MSM51V17805B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805D OKI-MSM51V17805D Datasheet
403Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com