Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5116805C-XXTS-K Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5116805C-XXTS-K
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116805C-XXTS-K Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5116805C-XXTS-K Datasheet HTML 1Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 2Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 3Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 4Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 5Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 6Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 7Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 8Page - OKI electronic componets MSM5116805C-XXTS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
¡ Semiconductor
MSM5116805C
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Voltage on Any Pin Relative to VSS
Short Circuit Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VIN, VOUT
Symbol
IOS
PD*
Topr
Tstg
–0.5 to VCC + 0.5
50
1
0 to 70
–55 to 150
Rating
mA
W
°C
°C
Parameter
V
Unit
Voltage on VCC Supply Relative to VSS
VCC
–0.5 to 7
V
Recommended Operating Conditions
*: Ta = 25
°C
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
Symbol
VSS
VIH
VIL
5.0
0
Typ.
Parameter
4.5
0
2.4
–0.5*2
Min.
5.5
0
VCC + 0.5*1
0.8
Max.
(Ta = 0°C to 70°C)
V
Unit
V
V
V
Notes : *1. The input voltage is VCC+2.0Vwhenthepulsewidthislessthan20ns(thepulsewidth
is with respect to the point at which VCC is applied).
*2. The input voltage is VSS – 2.0 V when the pulse width is less than 20 ns (the pulse width
is with respect to the point at which VSS is applied).
Capacitance
Input Capacitance
(A0 - A8, A9R - A11R)
Input Capacitance (
RAS, CAS, WE, OE)
Output Capacitance (DQ1 - DQ8)
CIN1
Symbol
CIN2
CI/O
5
7
7
Max.
pF
Unit
pF
pF
Parameter
(VCC = 5 V ±10%, Ta = 25°C, f = 1 MHz)
Typ.


Similar Part No. - MSM5116805C-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5116805C-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805B OKI-MSM51V17805B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805D OKI-MSM51V17805D Datasheet
403Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com