Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5416126A-50TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5416126A-50TS-K
Description  131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416126A-50TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5416126A-50TS-K Datasheet HTML 1Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 2Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 3Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 4Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 5Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 6Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 7Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 8Page - OKI electronic componets MSM5416126A-50TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/22
¡ Semiconductor
MSM5416126A
DC Characteristics
Notes :
1. Specified values are obtained with output open.
2. Address can be changed once or less while RAS = VIL.
3. Address can be changed once or less while CAS = VIH.
Input Leakage Current
Output High Voltage
Condition
Average Power
Supply Current
(Operating)
Power Supply
Current (Standby)
Output Low Voltage
Output Leakage Current
Average Power
Supply Current
(RAS Only Refresh)
Parameter
IOH = –1.0 mA
IOL = 1.0 mA
0 V £ VI £ 6.5 V ;
All other pins not
under test = 0 V
DQi Disable
0 V £ VO £ 5.5 V
RAS, CAS Cycling,
tRC = Min.
RAS, CAS = VIH
RAS = Cycling,
CAS = VIH,
tRC = Min.
Max.
VCC
0.4
10
10
130
2
130
Min.
2.4
0
–10
–10
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Note
1, 2
1
1, 2
Max.
VCC
0.4
10
10
120
2
120
Min.
2.4
0
–10
–10
Symbol
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
Unit
V
V
mA
mA
mA
mA
mA
MSM5416126A
-45
MSM5416126A
-50
MSM5416126A
-60
Max.
VCC
0.4
10
10
110
2
110
Min.
2.4
0
–10
–10
Average Power
Supply Current
(Fast Page Mode)
RAS = VIL,
CAS Cycling,
tPC = Min.
130
1, 3
120
ICC7
mA
110
Average Power
Supply Current
(CAS before RAS Refresh)
RAS = Cycling,
CAS before RAS
130
1, 2
120
ICC6
mA
110
Power Supply
Current (Standby)
RAS = VIH,
CAS = VIL,
Dout = Enable
5
1
5
ICC5
mA
5
Max.
VCC
0.4
10
10
140
2
140
Min.
2.4
0
–10
–10
MSM5416126A
-40
130
140
5


Similar Part No. - MSM5416126A-50TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40JS OKI-MSM5416125A-40JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40TS-K OKI-MSM5416125A-40TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45JS OKI-MSM5416125A-45JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45TS-K OKI-MSM5416125A-45TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5416126A-50TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com