Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5416126A-40TS-K Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5416126A-40TS-K
Description  131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416126A-40TS-K Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5416126A-40TS-K Datasheet HTML 2Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 3Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 4Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 5Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 6Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 7Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 8Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 9Page - OKI electronic componets MSM5416126A-40TS-K Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/22
¡ Semiconductor
MSM5416126A
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Parameter
100
145
85
130
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
Hyper Page Mode Cycle Time
22
20
Fast Page Mode Read Modify Write Cycle Time
65
60
Access Time from RAS
50
45
Access Time from CAS
14
14
Access Time from Column Address
26
24
Access Time from OE
14
14
Access Time from CAS Precharge
29
27
Output Buffer Turn-off Delay Time
8
3
8
3
OE to Data Output Buffer
Turn-off Delay Time
8
3
8
3
Transition Time
35
2
35
2
RAS Precharge Time
40
30
10,000
50
10,000
45
100,000
50
100,000
45
14
14
10
8
7
6
10,000
9
10,000
8
50
45
5
5
36
20
31
18
24
15
21
13
Row Address Set-up Time
0
0
Row Address Hold Time
10
8
Column Address Set-up Time
0
0
Column Address Hold Time
8
6
Column Address Hold Time from RAS
35
30
Column Address to RAS Lead Time
26
24
RAS Pulse Width
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
RAS Hold Time referenced to OE
CAS Precharge Time (Fast Page Mode)
CAS Hold Time
CAS to RAS Precharge Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
Refresh Period
8
8—
Data Hold After CAS Low
Note
4, 9, 10
4, 9
4, 10
4, 9, 10
5
5
14
12
9
10
11
11
3
3
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
Symbol
tRC
tRWC
tHPC
tPRWC
tRAC
tCAC
tAA
tOEA
tCPA
tOFF
tOEZ
tT
tRP
tRAS
tRASP
tRSH
tROH
tCP
tCAS
tCSH
tCRP
tRCD
tRAD
tASR
tRAH
tASC
tCAH
tAR
tRAL
tREF
tCOH
Max.
Min.
Max.
Min.
MSM5416126A
-45
MSM5416126A
-50
MSM5416126A
-60
Max.
60
15
30
15
34
10
10
35
10,000
100,000
10,000
45
30
8
Min.
120
165
25
80
3
3
2
50
60
60
15
10
8
12
60
5
20
15
0
10
0
10
45
30
3
CAS Pulse Width
Output Low Impedance Time from CAS
0
0ns
tCLZ
0
75
115
20
60
40
14
22
14
26
8
3
8
3
35
2
25
10,000
40
100,000
40
14
8
5
10,000
8
40
5
26
18
18
12
0
8
0
6
30
22
8
3
Max.
Min.
0
MSM5416126A
-40


Similar Part No. - MSM5416126A-40TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40JS OKI-MSM5416125A-40JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40TS-K OKI-MSM5416125A-40TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45JS OKI-MSM5416125A-45JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45TS-K OKI-MSM5416125A-45TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5416126A-40TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com