Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7074-004 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML7074-004
Description  VoIP CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7074-004 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML7074-004 Datasheet HTML 3Page - OKI electronic componets ML7074-004 Datasheet HTML 4Page - OKI electronic componets ML7074-004 Datasheet HTML 5Page - OKI electronic componets ML7074-004 Datasheet HTML 6Page - OKI electronic componets ML7074-004 Datasheet HTML 7Page - OKI electronic componets ML7074-004 Datasheet HTML 8Page - OKI electronic componets ML7074-004 Datasheet HTML 9Page - OKI electronic componets ML7074-004 Datasheet HTML 10Page - OKI electronic componets ML7074-004 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
FEDL7074-003DIGEST-01
OKI Semiconductor
ML7074-004GA
7/29
ELECTRICAL CHARACTERISTICS
DC Characteristics
(Unless otherwise specified, AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2 = 0.0 V,
Ta =
−20 to +60°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
ISS
Standby state
(PDNB = “0”, VDD = 3.3 V, Ta = 25°C)
5.0
20.0
µA
IDD1
Operating state 1
In the PCM/IF mode
(SC_EN = “1”, PCMIF_EN = “1”,
AFE_EN = “1”)
Connect a 4.096 MHz crystal oscillator
between XI and XO.
45.0
55.0
mA
Power supply current
IDD2
Operating state 2
When operating the whole system
(SC_EN = “1”, PCMIF_EN = “0”,
AFE_EN = “0”)
Connect a 4.096 MHz crystal oscillator
between XI and XO.
50.0
65.0
mA
IIH
Vin = DVDD
0.01
1.0
µA
Digital input pin
input leakage current
IIL
Vin = DGND
−1.0
−0.01
µA
IOZH
Vout = DVDD
0.01
1.0
µA
Digital I/O pin
output leakage current
IOZL
Vout = DGND
−1.0
−0.01
µA
High level output
voltage
VOH
Digital output pins, I/O pins
IOH = 4.0 mA
IOH = 1.0 mA (XO pin)
2.2
V
Low level output
voltage
VOL
Digital output pins, I/O pins
IOL =
−4.0 mA
IOL =
−1.0 mA (XO pin)
0.4
V
Input capacitance *1
CIN
Input pins
8
12
pF
Note: *1 Guaranteed design value


Similar Part No. - ML7074-004

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
More results

Similar Description - ML7074-004

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7204-003 LAPIS-ML7204-003 Datasheet
2Mb / 214P
   VoIP CODEC
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
logo
OKI electronic componet...
ML7074-003 OKI-ML7074-003 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7074-003 LAPIS-ML7074-003 Datasheet
660Kb / 93P
   VoIP CODEC
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22_06 Datasheet
769Kb / 55P
[Old version datasheet]   DUAL VOIP CODEC
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
[Old version datasheet]   DUAL VOIP CODEC
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
OKI electronic componet...
ML7204-001 OKI-ML7204-001 Datasheet
792Kb / 42P
   The ML7204-001 is a speech CODEC for VoIP.
logo
Level One
VOI-7000 LVL1-VOI-7000 Datasheet
222Kb / 3P
   SIP VoIP Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com