Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7074-004 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML7074-004
Description  VoIP CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7074-004 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML7074-004 Datasheet HTML 5Page - OKI electronic componets ML7074-004 Datasheet HTML 6Page - OKI electronic componets ML7074-004 Datasheet HTML 7Page - OKI electronic componets ML7074-004 Datasheet HTML 8Page - OKI electronic componets ML7074-004 Datasheet HTML 9Page - OKI electronic componets ML7074-004 Datasheet HTML 10Page - OKI electronic componets ML7074-004 Datasheet HTML 11Page - OKI electronic componets ML7074-004 Datasheet HTML 12Page - OKI electronic componets ML7074-004 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FEDL7074-003DIGEST-01
OKI Semiconductor
ML7074-004GA
9/29
AC Characteristics
CODEC (Speech CODEC in G.711 (
µ-law) Mode)
(Unless otherwise specified, AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2 = 0.0 V,
Ta =
−20 to +60°C)
Conditions
Parameter
Symbol
Frequency (Hz)
Level (dBm0)
Min.
Typ.
Max.
Unit
LT1
0 to 60
25
dB
LT2
300 to 3000
−0.15
0.20
dB
LT3
1020
Reference value
LT4
3300
−0.15
0.80
dB
LT5
3400
0
0.80
dB
Transmit frequency
characteristics
LT6
3968.75
0
13
dB
LR2
0 to 3000
−0.15
0.20
dB
LR3
1020
Reference value
LR4
3300
−0.15
0.80
dB
LR5
3400
0
0.80
dB
Receive frequency
characteristics
LR6
3968.75
0
13
dB
SDT1
3
35
dBp
SDT2
0
35
dBp
SDT3
−30
35
dBp
SDT4
−40
28
dBp
Transmit signal to noise
ratio [*1]
SDT5
1020
−45
23
dBp
SDR1
3
35
dBp
SDR2
0
35
dBp
SDR3
−30
35
dBp
SDR4
−40
28
dBp
Receive signal to noise
ratio [*1]
SDR5
1020
−45
23
dBp
GTT1
3
−0.2
0.2
dB
GTT2
−10
Reference value
GTT3
−40
−0.2
0.2
dB
GTT4
−50
−0.6
0.6
dB
Transmit inter-level
loss error
GTT5
1020
−55
−1.2
1.2
dB
GTR1
3
−0.2
0.2
dB
GTR2
−10
Reference value
GTR3
−40
−0.2
0.2
dB
GTR4
−50
−0.6
0.6
dB
Receive inter-level loss
error
GTR5
1020
−55
−1.2
1.2
dB
NIDLT
Analog input =
AVREF
−68
dBm0p
Idle channel noise
[*1]
NIDLR
PCMI = “1”
−72
dBm0p
Transmit absolute level
[*2]
AVT
1020
0
0.285
0.320
0.359
Vrms
Receive absolute level
[*2]
AVR
1020
0
0.285
0.320
0.359
Vrms
PSRRT
30
dB
Power supply noise
reject ratio
PSRRR
Noise frequency
range: 0 to 50 kHz
Noise level: 50mVpp
30
dB
Notes: *1 Using P-message filter
*2 0.320 Vrms = 0 dBm0 =
−7.7 dBm (600Ω)


Similar Part No. - ML7074-004

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
More results

Similar Description - ML7074-004

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7204-003 LAPIS-ML7204-003 Datasheet
2Mb / 214P
   VoIP CODEC
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
logo
OKI electronic componet...
ML7074-003 OKI-ML7074-003 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7074-003 LAPIS-ML7074-003 Datasheet
660Kb / 93P
   VoIP CODEC
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22_06 Datasheet
769Kb / 55P
[Old version datasheet]   DUAL VOIP CODEC
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
[Old version datasheet]   DUAL VOIP CODEC
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
OKI electronic componet...
ML7204-001 OKI-ML7204-001 Datasheet
792Kb / 42P
   The ML7204-001 is a speech CODEC for VoIP.
logo
Level One
VOI-7000 LVL1-VOI-7000 Datasheet
222Kb / 3P
   SIP VoIP Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com