Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5416126A-XXJS Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5416126A-XXJS
Description  131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416126A-XXJS Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5416126A-XXJS Datasheet HTML 4Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 5Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 6Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 7Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 8Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 9Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 10Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 11Page - OKI electronic componets MSM5416126A-XXJS Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/22
¡ Semiconductor
MSM5416126A
Notes:
1. An initial pause of 200 ms is required after power-up, followed by any 8 RAS cycles.
(Example : RAS-only-refresh) before proper device operation is achieved.
2. The AC characteristics assume tT = 5 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring timing of input signals.
Also, transition times are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 1 TTL load and 50 pF.
Output timing reference levels are VOH = 2.0 V and VOL = 0.8 V.
5. tCEZ (Max.), tOFF (Max.), tWEZ (Max.) and tOEZ (Max.) define the time at which the
outputs achieve the open circuit condition and are not referenced to output voltage
levels.
6. tRCH or tRRH must be satisfied for a read cycle.
7. These parameters are referenced to UCAS, LCAS, leading edge in an early write cycle,
and to WE leading edge in an OE control write cycle or a read modify write cycle.
8. tWCS, tCWD, tRWD and tAWD are not restrictive operating parameters. They are included
in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), the cycle is an
earlywritecycleandthedataoutwillremainopencircuit(highimpedance)throughout
the entire cycle. If tCWD ≥ tCWD (Min.) , tRWD ≥ tRWD (Min.) and tAWD ≥ tAWD (Min.) ,
the cycle is a read modify write cycle and data out will contain data read from the
selected cell; if neither of the above sets of conditions is satisfied, the condition of the
data out (at access time) is indeterminate.
9. Operation within the tRCD (Max.) limit insures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, then access time is controlled by tCAC.
10. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only: If tRAD is greater than the specified
tRAD (Max.) limit, then access time is controlled by tAA.
11. These parameters are determined by the falling edge of UCAS or LCAS, whichever is
earlier.
12. These parameters are determined by the rising edge of UCAS or LCAS, whichever is
later.
13. tCWL should be satisfied by both UCAS and LCAS.
14. tCP is determined by the time both UCAS and LCAS are high.
15. Input levels at the AC testing are 3.0 V/0.5 V.


Similar Part No. - MSM5416126A-XXJS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40JS OKI-MSM5416125A-40JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40TS-K OKI-MSM5416125A-40TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45JS OKI-MSM5416125A-45JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45TS-K OKI-MSM5416125A-45TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5416126A-XXJS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com